Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL337BCPZ-RL Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL337BCPZ-RL
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Small, Low Power, 3-Axis ±3 g
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL337
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 250 for all typical performance plots, unless otherwise noted. (N is the number of parts tested and used to produce the histograms.)
0
5
10
15
20
25
OUTPUT (V)
Figure 3. X-Axis Zero g Bias at 25°C, VS = 3 V
0
5
10
15
20
25
OUTPUT (V)
Figure 4. Y-Axis Zero g Bias at 25°C, VS = 3 V
0
2
4
6
8
10
12
14
16
18
OUTPUT (V)
Figure 5. Z-Axis Zero g Bias at 25°C, VS = 3 V
0
5
10
15
20
25
30
35
40
45
OUTPUT CHANGE DUE TO SELF TEST (V)
Figure 6. X-Axis Self-Test Response at 25°C, VS = 3 V
OUTPUT CHANGE DUE TO SELF TEST (V)
0
5
10
15
20
25
30
35
40
45
Figure 7. Y-Axis Self-Test Response at 25°C, VS = 3 V
0
10
20
30
40
50
60
0.44 0.46 0.48 0.50 0.52 0.54 0.56 0.58 0.60 0.62 0.64
OUTPUT CHANGE DUE TO SELF TEST (V)
Figure 8. Z-Axis Self-Test Response at 25°C, VS = 3 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl