Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL337BCPZ-RL Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL337BCPZ-RL
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Small, Low Power, 3-Axis ±3 g
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Small, Low Power, 3-Axis ±3 g
Accelerometer
ADXL337
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
3-axis sensing
Small, low profile package
3 mm × 3 mm × 1.45 mm LFCSP
Low power: 300 μA (typical)
Single-supply operation: 1.8 V to 3.6 V
10,000 g shock survival
Excellent temperature stability
Bandwidth adjustment with a single capacitor per axis
RoHS/WEEE and lead-free compliant
APPLICATIONS
Cost-sensitive, low power, motion- and tilt-sensing applications
Mobile devices
Gaming systems
Disk drive protection
Image stabilization
Sports and health devices
GENERAL DESCRIPTION
The ADXL337 is a small, thin, low power, complete 3-axis
accelerometer with signal conditioned voltage outputs. The
product measures acceleration with a minimum full-scale range
of ±3 g. It can measure the static acceleration of gravity in tilt-
sensing applications, as well as dynamic acceleration resulting
from motion, shock, or vibration.
The user selects the bandwidth of the accelerometer using the
CX, CY, and CZ capacitors at the XOUT, YOUT, and ZOUT pins.
Bandwidths can be selected to suit the application, with a range
of 0.5 Hz to 1600 Hz for X and Y axes and a range of 0.5 Hz to
550 Hz for the Z axis.
The ADXL337 is available in a small, low profile, 3 mm × 3 mm ×
1.45 mm, 16-lead, lead frame chip scale package (LFCSP_LQ).
FUNCTIONAL BLOCK DIAGRAM
ADXL337
3-AXIS
SENSOR
DEMODULATOR
OUTPUT
AMPLIFIERS
AC
AMPLIFIER
GND
ST
+3V
~32kΩ
XOUT
CX
CY
CZ
YOUT
CDC
VS
ZOUT
~32kΩ
~32kΩ
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl