Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADZS-HPUSB-ICE Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADZS-HPUSB-ICE
Szczegółowy opis  Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 1 page
background image
Analog Devices USB-Based Emulator and
High Performance USB-Based Emulator
www .analog.com/ processors/tools
Overview
Analog Devices’ cost-effective Universal Serial Bus (USB)-based emulator and High
Performance Universal Serial Bus (HP USB)-based emulator each provide an easy,
portable, nonintrusive, target-based debugging solution for Analog Devices JTAG
processors and DSPs. These powerful USB-based emulators perform a wide range of
emulation functions, including single-step and full speed execution with pre-defined
breakpoints, and viewing and/or altering of register and memory contents. With the
ability to automatically detect and support multiple I/O voltages, the USB and HP
USB emulators enable users to communicate with all of the Analog Devices JTAG
processors and DSPs using either a full speed USB 1.1 or high speed USB 2.0 port
on the host PC. Applications and data can easily and rapidly be tested and transferred
between the emulators and the VisualDSP++™ development and debugging environment
(available separately).
The plug-and-play architecture of USB allows the emulators to be automatically
detected and configured by the host operating system. It can also be connected to and
disconnected from the host without opening the PC or turning off the power to the PC.
A 3-meter cable is included to connect the emulators to the host PC, thus providing
abundant accessibility to hard-to-reach targets.
USB-Based Emulator Key Features
Full speed USB 1.1 interface enabling
download speeds of up to 150 KB/sec
Support for all ADI JTAG processors
and DSPs
Multiple processor and DSP I/O voltage
support with automatic detection
• 1.8 V, 2.5 V, and 3.3 V compliant
and tolerant
• 5 V tolerant and 3.3 V compliant
for 5 V processors and DSPs
Multiprocessor support
14-pin JTAG connector
3-meter USB cable for
difficult-to-reach targets
CE-certified
HP USB-Based Emulator Key Features
High speed USB 2.0 interface enabling
download speeds of up to 1.5 MB/sec
Background Telemetry Channel (BTC)
support enabling nonintrusive data
exchange at up to 2.0 MB/sec
Support for all ADI JTAG processors
and DSPs
Multiple processor and DSP I/O voltage
support with automatic detection
• 1.8 V, 2.5 V, and 3.3 V compliant
and tolerant
• 5 V tolerant and 3.3 V compliant
for 5 V processors and DSPs
Multiprocessor support
JTAG clock operation up to 50 MHz
14-pin JTAG connector
3-meter USB cable for
difficult-to-reach targets
CE-certified




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl