Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADZS-HPUSB-ICE Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADZS-HPUSB-ICE
Szczegółowy opis  Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 2 page
background image
© 2004 Analog Devices, Inc. All rights reserved.
Trademarks and registered trademarks are the property
of their respective companies. Printed in the U.S.A.
H04548-2-3/04(A)
www .analog.com/ processors/tools
Embedded Processing Support
www.analog.com/processors
Email (in the U.S.A.): embedded.support@analog.com
Email (in Europe): embedded.europe@analog.com
Fax (in the U.S.A.): 781.461.3010
Fax (in Europe): 49.89.76903.557
Worldwide Headquarters
Analog Devices, Inc.
One Technology Way
P.O. Box 9106
Norwood, MA 02062-9106
U.S.A.
Tel: 781.329.4700
Fax: 781.326.8703
Toll-free: 800.262.5643 (U.S.A. only)
Analog Devices, Inc. Europe
c/o Analog Devices SA
17-19, rue Georges Besse
Parc de Haute
Technologie d’Antony
F-92182
Antony Cedex, France
Tel: 33.1.46.74.45.00
Fax: 33.1.46.74.45.01
Japan Headquarters
Analog Devices, Inc.
New Pier Takeshiba
South Tower Building
1-16-1 Kaigan,
Minato-ku, Tokyo
105-6891, Japan
Tel: 813.5402.8210
Fax: 813.5402.1063
Southeast Asian Headquarters
Analog Devices, Inc.
4501 Nat West Tower
Times Square
One Matheson Street
Causeway Bay
Hong Kong, PRC
Tel: 852.2.506.9336
Fax: 852.2.506.4755
The HP USB emulator also supports the
Background Telemetry Channel (BTC), a non-
intrusive method for exchanging data between the
host and target application without affecting the
target system’s real-time characteristics.
CROSSCORE Development Tools
The USB-based and High Performance
USB-based emulators are part of the Analog
Devices CROSSCORE® Tools product line,
which is composed of a comprehensive set of
development tools providing engineers with
easier and more robust methods for developing
and optimizing systems.
The CROSSCORE components include:
• VisualDSP++ development and debugging
environment
• EZ-KIT Lite™ evaluation kits
• Emulators
The easy-to-use VisualDSP++ integrated
development environment speeds development,
debugging, and deployment while shrinking product
development cycles and improving time to market.
The EZ-KIT Lite evaluation kits provide an easy
way to investigate the performance of Analog
Devices’ family of embedded processors and
DSPs.
Emulators are available for both PCI and USB host
platforms for rapid on-chip debugging.
Embedded Processors and DSPs
Analog Devices is a leading supplier of embedded
and digital signal processing solutions, from
the low power ADSP-21xx DSP families to
the high performance Blackfin® and TigerSHARC®
Processors, and from low cost SHARC® DSPs to
integrated mixed-signal DSPs that are ideal for
an ever-increasing spectrum of applications.
ADI’s advances in design provide faster process-
ing, more memory, lower power consumption,
and simplified system integration. ADI products
and technology provide a competitive edge,
complete with expert technical support,
comprehensive development tools, and the DSP
Collaborative™, an independent network of
third-party developers. For more information
about Analog Devices’ processors and DSPs,
visit www.analog.com/processors.
CROSSCORE Tools Support
Tel: 1-800-ANALOGD
Email: dsptools@analog.com
Web: www.analog.com/processors/tools
Analog Devices is committed to providing high
quality, timely, accurate, and free technical support
and software upgrades.
Ordering Information
Please call Analog Devices CROSSCORE Tools
at 603-883-2430 or your local Analog Devices
sales representative or distributor for pricing
and ordering information for part number:
USB-Based Emulator
Part Number: ADDS-USB-ICE
High Performance USB-Based Emulator
Part Number: ADDS-HPUSB-ICE




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl