Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS374NX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS374NX
Szczegółowy opis  Octal 3-STATE D-Type Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS374NX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS374NX Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS374NX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006113
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS374
Octal 3-STATE D-Type Edge-Triggered Flip-Flop
General Description
This 8-bit register features totem-pole 3-STATE outputs
designed specifically for driving highly-capacitive or rela-
tively low-impedance loads. The high-impedance state and
increased high-logic-level drive provides this register with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components. It is particularly attractive for
implementing buffer registers, I/O ports, bidirectional bus
drivers, and working registers.
The eight flip-flops of the DM74ALS374 are edge-triggered
D-type flip-flops. On the positive transition of the clock, the
Q outputs will be set to the logic states that were set up at
the D inputs.
A buffered output control input can be used to place the
eight outputs in either a normal logic state (HIGH or LOW
logic levels) or a high-impedance state. In the high-imped-
ance state the outputs neither load nor drive the bus lines
significantly.
The output control does not affect the internal operation of
the flip-flops. That is, the old data can be retained or new
data can be entered even while the outputs are OFF.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full
temperature and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with LS TTL
counterpart
s Improved AC performance over DM74LS374 at approxi-
mately half the power
s 3-STATE buffer-type outputs drive bus lines directly
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Order Number
Package Number
Package Description
DM74ALS374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Podobny numer części - DM74ALS374NX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS373 FAIRCHILD-DM74ALS373 Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
logo
National Semiconductor ...
DM74ALS373 NSC-DM74ALS373 Datasheet
125Kb / 6P
   Octal D-Type TRI-STATE Transparent Latch
logo
Fairchild Semiconductor
DM74ALS373N FAIRCHILD-DM74ALS373N Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
logo
National Semiconductor ...
DM74ALS373N NSC-DM74ALS373N Datasheet
125Kb / 6P
   Octal D-Type TRI-STATE Transparent Latch
logo
Fairchild Semiconductor
DM74ALS373SJ FAIRCHILD-DM74ALS373SJ Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
More results

Podobny opis - DM74ALS374NX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com