Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS646WM Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części DM74ALS646WM
Szczegółowy opis  Octal 3-STATE Bus Transceiver and Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS646WM Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS646WM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS646WM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS646WM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS646WM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS646WM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS646WM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3:
↑ = With reference to the LOW-to-HIGH transition of the respective clock.
Electrical Characteristics
over recommended free air temperature range
Note 4: For I/O ports the 3-STATE output currents (IOZH and IOZL) are included in the IIH and IIL parameters.
Supply Voltage
7V
Input Voltage
Control Inputs
7V
I/O Ports
5.5V
Operating Free-Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
44.5
°C/W
M Package
80.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
5
5.5
V
VIH
HIGH Level Input Voltage
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
fCLK
Clock Frequency
40
MHz
tW
Pulse Duration, Clocks LOW or HIGH
ns
tSU
Data Setup Time, A before CAB or B before CBA (Note 3)
10
ns
tH
Data Hold Time, A after CAB or B after CBA (Note 3)
0
ns
TA
Free Air Operating Temperature
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIC
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V to 5.5V
IOH = −0.4 mA
VCC − 2
Output Voltage
VCC = Min
IOH = −3 mA
2.4
3.2
V
IOH = Max
2
VOL
LOW Level
VCC = Min
IOL = 12 mA
0.25
0.4
Output Voltage
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA
0.35
0.5
II
Input Current at Maximum
VCC = Max
I/O Ports, VI = 5.5V
100
µA
Input Voltage
Control Inputs, VI = 7V
100
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V (Note 4)
20
µA
IIL
LOW Level
VCC = Max,
Control Inputs
−200
µA
Input Current
VI = 0.4V, (Note 4)
I/O Ports
−200
IO
Output Drive Current
VCC = Max, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = Max
Outputs HIGH
47
76
Outputs LOW
55
88
mA
Outputs Disabled
55
88


Podobny numer części - DM74ALS646WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS646WM FAIRCHILD-DM74ALS646WM Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
More results

Podobny opis - DM74ALS646WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com