Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS74ASJ Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS74ASJ
Szczegółowy opis  Dual D Positive-Edge-Triggered Flip-Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS74ASJ Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS74ASJ Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS74ASJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006109
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS74A
Dual D Positive-Edge-Triggered Flip-Flop
with Preset and Clear
General Description
The DM74ALS74A contains two independent positive
edge-triggered flip-flops. Each flip-flop has individual D,
clock, clear and preset inputs, and also complementary Q
and Q outputs.
Information at input D is transferred to the Q output on the
positive going edge of the clock pulse. Clock triggering
occurs at a voltage level of the clock pulse and is not
directly related to the transition time of the positive going
pulse. When the clock input is at either the HIGH or LOW
level, the D input signal has no effect.
Asynchronous preset and clear inputs will set or clear Q
output respectively upon the application of low level signal.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and LS TTL counterpart
s Improved AC performance over LS74 at approximately
half the power
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
L
= LOW State
H
= HIGH State
X
= Don't Care
↑ = Positive Edge Transition
Q0 = Previous Condition of Q
Note 1: This condition is nonstable; it will not persist when preset and clear
inputs return to their inactive (HIGH) level. The output levels in this condi-
tion are not guaranteed to meet the VOH specification.
Order Number
Package Number Package Description
DM74ALS74AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS74ASJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS74AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
L
L
X
X
H (Note 1)
H (Note 1)
HH
HH
L
HH
LL
H
HH
L
X
Q0
Q 0


Podobny numer części - DM74ALS74ASJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS00 FAIRCHILD-DM74ALS00 Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AM FAIRCHILD-DM74ALS00AM Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00AN FAIRCHILD-DM74ALS00AN Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
DM74ALS00ASJ FAIRCHILD-DM74ALS00ASJ Datasheet
60Kb / 5P
   Quad 2-Input NAND Gate
More results

Podobny opis - DM74ALS74ASJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com