Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS874B Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74ALS874B
Szczegółowy opis  Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS874B Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS874B Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2.4
3.2
V
Output Voltage
VIL = VIL Max
VCC = 4.5V to 5.5V
IOH = −400 µAVCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
VIH = 2V
IOL = 24 mA
0.35
0.5
V
II
Input Current @Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.2
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
OFF-State Output Current
VCC = 5.5V, VIH = 2V
20
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
OFF-State Output Current
VCC = 5.5V, VIH = 2V
−20
µA
LOW Level Voltage Applied
VO = 0.4V
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
14
21
mA
Outputs OPEN
Outputs LOW
19
30
mA
Outputs Disabled
20
32
mA
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
30
MHz
tPLH
Propagation Delay Time
RL = 500,Ω,
Clock
Any Q
4
14
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
Any Q
4
14
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output
Any Q
4
18
ns
to HIGH Level Output
Control
tPZL
Output Enable Time
Output
Any Q
4
18
ns
to LOW Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
2
10
ns
from HIGH Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
3
12
ns
from LOW Level Output
Control
tPHL
Propagation Delay Time
Clear
Any Q
5
17
ns
HIGH-to-LOW Level Output


Podobny numer części - DM74ALS874B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS874B FAIRCHILD-DM74ALS874B Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874BNT FAIRCHILD-DM74ALS874BNT Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874BWM FAIRCHILD-DM74ALS874BWM Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874B FAIRCHILD-DM74ALS874B_01 Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results

Podobny opis - DM74ALS874B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS874B FAIRCHILD-DM74ALS874B_01 Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
74AC11874 TI1-74AC11874 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com