Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1LS-NZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM1LS-NZ
Szczegółowy opis  1 Watt | DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Arkusz danych(HTML) 1 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AM1LS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
1 of 2
North America only
FEATURES:
 SMD Package
 Single Output Models
 Input / Output Isolation 1000 VDC  Operating temperature -40oC to + 85oC
 Low Ripple and Noise
 RoHS compliant
 Regulated Output
 Continuous Short Circuit Protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM1LS-0505S-NZ
4.75-5.25
5
150
1000
33
68
AM1LS-0512S-NZ
4.75-5.25
12
83
1000
33
69
AM1LS-0515S-NZ
4.75-5.25
15
67
1000
33
69
AM1LS-1205S-NZ
11.4-12.6
5
150
1000
33
68
AM1LS-1212S-NZ
11.4-12.6
12
83
1000
33
69
AM1LS-1215S-NZ
11.4-12.6
15
67
1000
33
70
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
4.75 - 5.25
11.4 - 12.6
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec
1000
VDC
Resistance
500VDC
1000
MOhm
Capacitance
40
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±3
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
For ±5% of Vin
±0.25
% of Vin
Load voltage regulation
10% - 100% load
±1
%
Temperature coefficient
100% load
±0.03
%/
oC
Ripple & Noise
20MHz Bandwidth
50
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Operating temperature
With derating above +71
-40 to +85
oC
Storage temperature
-55 to +125
oC
Derating
2.85
%/
oC
Cooling
Free air convection
Storage Humidity
95
% RH
Case material
Epoxy resin (UL94-V0)
Weight
1.7
g
Dimensions (L x W x H)
0.60 x 0.44 x 0.26 inches
15.24 x 11.20 x 6.50 mm
MTBF
>3500K hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)hours
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Maximum case temperature
110
oC


Podobny numer części - AM1LS-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Podobny opis - AM1LS-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com