Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3922N Arkusz danych(PDF) 1 Page - Analog Power

Numer części AM3922N
Szczegółowy opis  Dual N-Channel Logical Level MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3922N Arkusz danych(HTML) 1 Page - Analog Power

  AM3922N Datasheet HTML 1Page - Analog Power AM3922N Datasheet HTML 2Page - Analog Power AM3922N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM3922N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3922_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) (OHM)
ID (A)
0.047 @ VGS = 4.5 V
4.1
0.055 @ VGS = 2.5V
3.8
20
PRODUCT SUMMARY
Dual N-Channel Logical Level MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
TSOP-6 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
3
4
5
6
Symbol Maximum Units
VDS
20
VGS
±8
TA=25
oC4.1
TA=70
oC3.3
IDM
8
IS
1.05
A
TA=25
oC1.15
TA=70
oC0.7
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Typ
Max
t <= 10 sec
93
110
Steady State
130
150
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
oC/W
RthJA
Parameter


Podobny numer części - AM3922N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM3921P ANALOGPOWER-AM3921P Datasheet
119Kb / 3P
   P-Channel 20-V (D-S) MOSFET
AM3925P ANALOGPOWER-AM3925P Datasheet
120Kb / 3P
   P-Channel 20-V (D-S) MOSFET
logo
AMtek SEMICONDUCTORS CO...
AM3929 AMTEK-AM3929 Datasheet
312Kb / 10P
   Single Phase Full-Wave Motor Driver for Fan Motor
Aug. 2013 V1.1
More results

Podobny opis - AM3922N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM6968N ANALOGPOWER-AM6968N Datasheet
142Kb / 5P
   Dual N-Channel Logical Level MOSFET
AMCC922NE ANALOGPOWER-AMCC922NE Datasheet
133Kb / 5P
   Dual N-Channel Logical Level MOSFET
AM6922NH ANALOGPOWER-AM6922NH Datasheet
66Kb / 3P
   Dual N-Channel Logical Level MOSFET
AMCC924NE ANALOGPOWER-AMCC924NE Datasheet
96Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM6920NH ANALOGPOWER-AM6920NH Datasheet
59Kb / 3P
   Dual N-Channel Logical Level MOSFET
AM3906N ANALOGPOWER-AM3906N Datasheet
231Kb / 5P
   Dual N-Channel Logical Level MOSFET
AM3998N ANALOGPOWER-AM3998N Datasheet
139Kb / 3P
   Dual N-Channel Logical Level MOSFET
AMCC921PE ANALOGPOWER-AMCC921PE Datasheet
106Kb / 3P
   Dual P-Channel Logical Level MOSFET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com