Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM15TW-Z Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM15TW-Z
Szczegółowy opis  15 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15TW-Z Arkusz danych(HTML) 1 Page - AIMTEC

  AM15TW-Z_13 Datasheet HTML 1Page - AIMTEC AM15TW-Z_13 Datasheet HTML 2Page - AIMTEC AM15TW-Z_13 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM15TW-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
 Ultra Wide Input Range 4:1
 No Minimum Load Required
 1600 VDC Isolation
 -40ºC to +85ºC Operating Temperature Range
 Efficiency up to 90%
 Short Circuit & Over Voltage Protection
 Soft Start
 DIP 24 Package
 Remote On/Off Function
 Low No Load Input Current
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15TW-2403SZ
9-36
3.3
4000
1600
4700
87
AM15TW-24051SZ
9-36
5.1
3000
1600
3300
89
AM15TW-2412SZ
9-36
12
1250
1600
600
90
AM15TW-2415SZ
9-36
15
1000
1600
400
90
AM15TW-4803SZ
18-75
3.3
4000
1600
4700
86
AM15TW-48051SZ
18-75
5.1
3000
1600
3300
88
AM15TW-4812SZ
18-75
12
1250
1600
600
90
AM15TW-4815SZ
18-75
15
1000
1600
400
89
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM15TW-2405DZ
9-36
±5
±1500
1600
±1500
86
AM15TW-2412DZ
9-36
±12
±625
1600
±288
89
AM15TW-2415DZ
9-36
±15
±500
1600
±200
90
AM15TW-4805DZ
18-75
±5
±1500
1600
±1500
86
AM15TW-4812DZ
18-75
±12
±625
1600
±288
89
AM15TW-4815DZ
18-75
±15
±500
1600
±200
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
 (Pi) Network
Turn on Transient process time
250
µs
Transient response deviation
±3
%
Start up time
Nominal Vin and constant resistive load
20
ms
Absolute Maximum Rating
24 Vin models
48 Vin models
-0.7-50
-0.7-100
VDC
Peak Input Voltage time
1000
ms
Input reflected ripple current
20
mA p-p
Quiescent Current
15
mA
On/Off Control
ON – High (3.0 ... 12Vdc) or open circuit;
OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3
OFF idle current: 5.0 mA typ


Podobny numer części - AM15TW-Z_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15TW-Z AIMTEC-AM15TW-Z Datasheet
105Kb / 3P
   15 Watt | DC-DC Converter
More results

Podobny opis - AM15TW-Z_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com