Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM40E-Z Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM40E-Z
Szczegółowy opis  40 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40E-Z Arkusz danych(HTML) 1 Page - AIMTEC

  AM40E-Z_13 Datasheet HTML 1Page - AIMTEC AM40E-Z_13 Datasheet HTML 2Page - AIMTEC AM40E-Z_13 Datasheet HTML 3Page - AIMTEC AM40E-Z_13 Datasheet HTML 4Page - AIMTEC AM40E-Z_13 Datasheet HTML 5Page - AIMTEC AM40E-Z_13 Datasheet HTML 6Page - AIMTEC AM40E-Z_13 Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AM40E-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 7
North America only
FEATURES:
Wide 2:1 Input Range
Efficiency up to 92%
Adjustable Single Output Voltage
Remote On/Off Function
Undervoltage lockout
Soft start
High Power Density
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM40E-1203SZ
9-18
3.3
8
21800
90
AM40E-1205SZ
9-18
5
8
13600
91
AM40E-1212SZ
9-18
12
3.33
2300
91
AM40E-1215SZ
9-18
15
2.67
1500
91
AM40E-2403SZ
18-36
3.3
8
21800
91
AM40E-2405SZ
18-36
5
8
13600
92
AM40E-2412SZ
18-36
12
3.33
2300
91
AM40E-2415SZ
18-36
15
2.67
1500
92
AM40E-4803SZ
36-75
3.3
8
21800
91
AM40E-4805SZ
36-75
5
8
13600
92
AM40E-4812SZ
36-75
12
3.33
2300
91
AM40E-4815SZ
36-75
15
2.67
1500
92
Add suffix “-K” for optional heat sink
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM40E-1212DZ
9-18
±12
±1.67
±1200
91
AM40E-1215DZ
9-18
±15
±1.33
±750
92
AM40E-2412DZ
18-36
±12
±1.67
±1200
91
AM40E-2415DZ
18-36
±15
±1.33
±750
92
AM40E-4812DZ
36-75
±12
±1.67
±1200
92
AM40E-4815DZ
36-75
±15
±1.33
±750
92
Add suffix “-K” for optional heat sink
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π (Pi) Network
Start up time
30
ms
Absolute Maximum Rating
12
25
VDC
24
50
48
100
Peak Input Voltage time
1
s
On/Off control
ON: 3 ~12VDC or open circuit ; OFF – 0 ~ 1.2VDC or Short circuit between pin 2 and pin 3
(OFF idle current: 5mA Typical)
Under voltage lockout
12V ON/OFF
8.6 / 7.9
VDC
24V ON/OFF
17.8 / 16
48V ON/OFF
33.5 / 30.5
Input Reflected Ripple Current
20
mA p-p


Podobny numer części - AM40E-Z_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
More results

Podobny opis - AM40E-Z_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com