Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74AS805BWM Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części DM74AS805BWM
Szczegółowy opis  Hex 2-Input NOR Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS805BWM Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  DM74AS805BWM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS805BWM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS805BWM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS805BWM Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
58.3
°C/W
M Package
154.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−48
mA
IOL
LOW Level Output Current
48
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC − 2
Output Voltage
IOH = −3 mA, VCC = 4.5V
2.4
V
IOH = Max, VCC = 4.5V
2
VOL
LOW Level
VCC = 4.5V,
0.35
0.5
V
Output Voltage
IOL = Max
II
Input Current @ Max Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.5
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−50
−135
−200
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
6.5
10
mA
Outputs LOW
18
32
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
14.3
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
14.3
ns
HIGH-to-LOW Level Output


Podobny numer części - DM74AS805BWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
DM74AS804BN FAIRCHILD-DM74AS804BN Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
DM74AS804BWM FAIRCHILD-DM74AS804BWM Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
More results

Podobny opis - DM74AS805BWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
logo
Texas Instruments
SN74AS1805 TI1-SN74AS1805_09 Datasheet
174Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
SN74AS1808 TI1-SN74AS1808 Datasheet
172Kb / 6P
[Old version datasheet]   HEX 2-INPUT AND DRIVER
logo
IK Semicon Co., Ltd
IN74128 IKSEMICON-IN74128 Datasheet
173Kb / 3P
   QUAD 2-INPUT NOR LINE DRIVER
logo
Fairchild Semiconductor
DM74AS1804 FAIRCHILD-DM74AS1804 Datasheet
46Kb / 4P
   Hex 2-Input NAND Driver
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com