Zakładka z wyszukiwarką danych komponentów |
|
DM74LS125AM Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
DM74LS125AM Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Recommended Operating Conditions Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted) Note 2: All typicals are at VCC = 5V, TA = 25°C. Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second. Note 4: ICC is measured with the data control (C) inputs at 4.5V and the data inputs grounded. Switching Characteristics at VCC = 5V and TA = 25°C Note 5: CL = 5pF. Supply Voltage 7V Input Voltage 7V Operating Free Air Temperature Range 0 °C to +70°C Storage Temperature Range −65°C to +150°C Symbol Parameter Min Nom Max Units VCC Supply Voltage 4.75 5 5.25 V VIH HIGH Level Input Voltage 2 V VIL LOW Level Input Voltage 0.8 V IOH HIGH Level Output Current −2.6 mA IOL LOW Level Output Current 24 mA TA Free Air Operating Temperature 0 70 °C Symbol Parameter Conditions Min Typ Max Units (Note 2) VI Input Clamp Voltage VCC = Min, II = −18 mA −1.5 V VOH HIGH Level VCC = Min, IOH = Max 2.4 3.4 V Output Voltage VIL = Max, VIH = Min VOL LOW Level VCC = Min, IOL = Max 0.35 0.5 Output Voltage VIL = Max V IOL = 12 mA, VCC = Min 0.25 0.4 II Input Current @ Max Input Voltage VCC = Max, VI = 7V 0.1 mA IIH HIGH Level Input Current VCC = Max, VI = 2.7V 20 µA IIL LOW Level Input Current VCC = Max, VI = 0.4V −0.4 mA IOZH Off-State Output Current with VCC = Max, VO = 2.4V 20 µA HIGH Level Output Voltage Applied VIH = Min, VIL = Max IOZL Off-State Output Current with VCC = Max, VO = 0.4V −20 µA LOW Level Output Voltage Applied VIH = Min, VIL = Max IOS Short Circuit Output Current VCC = Max (Note 3) −20 −100 mA ICC Supply Current VCC = Max (Note 4) 11 20 mA RL = 667Ω Symbol Parameter CL = 50 pF CL = 150 pF Units Min Max Min Max tPLH Propagation Delay Time LOW-to-HIGH Level Output 15 21 ns tPHL Propagation Delay Time HIGH-to-LOW Level Output 18 22 ns tPZH Output Enable Time to HIGH Level Output 25 35 ns tPZL Output Enable Time to LOW Level Output 25 40 ns tPHZ Output Disable Time from HIGH Level Output (Note 5) 20 ns tPLZ Output Disable Time from LOW Level Output (Note 5) 20 ns |
Podobny numer części - DM74LS125AM |
|
Podobny opis - DM74LS125AM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |