Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS166M Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74LS166M
Szczegółowy opis  8-Bit Parallel-In/Serial-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS166M Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74LS166M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS166M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS166M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS166M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS166M Datasheet HTML 5Page - Fairchild Semiconductor DM74LS166M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Parameter Measurement Information
Voltage Waveforms
Test Table for Synchronous Inputs
Note A: The clock pulse has the following characteristics: tW(clock) ≥ 20 ns and PRR = 1 MHz. The clear pulse has the following characteristics:
tW(clear) ≥ 20 ns and tHOLD = 0 ns. When testing fMAX, vary the clock PRR.
Note B: A clear pulse is applied prior to each test.
Note C: Propagation delay times (tPLHand tPHL) are measured at tn+1. Proper shifting of data is verified at tn+8 with a functional test.
Note D: tn = bit time before clocking transition
tn+1 = bit time after one clocking transition
tn+8 = bit time after eight clocking transitions
Note E: VREF = 1.3V.
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
25
20
MHz
tPLH
Propagation Delay Time
Clock to Output
8
35
38
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Output
8
35
41
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Output
6
30
36
ns
HIGH-to-LOW Level Output
Data Input
Shift/Load
Output Tested
for Test
(See Note C)
H0V
QH at TN+1
Serial Input
4.5V
QH at TN+8


Podobny numer części - DM74LS166M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS160A NSC-DM74LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
DM74LS160AM NSC-DM74LS160AM Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
DM74LS160AN NSC-DM74LS160AN Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
DM74LS161A NSC-DM74LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
More results

Podobny opis - DM74LS166M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com