Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS181N Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części DM74LS181N
Szczegółowy opis  4-Bit Arithmetic Logic Unit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS181N Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  DM74LS181N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 6Page - Fairchild Semiconductor DM74LS181N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Diff Mode Test Table 2
Function Inputs
S1
= S2 = 4.5V, S0 = S3 = M = 0V
Logic Mode Test Table 3
Function Inputs
S1
= S2 = M = 4.5V, S0 = S3 = 0V
Input
Other Input
Other Data Inputs
Output
Symbol
Under
Same Bit
Under
Test
Apply
Apply
Apply
Apply
Test
4.5V
GND
4.5V
GND
tPLH
A
None
B
Remaining
Remaining
Fi
tPHL
A
B, Cn
tPLH
B
A
None
Remaining
Remaining
Fi
tPHL
A
B, Cn
tPLH
A
None
B
None
Remaining
P
tPHL
A and B, Cn
tPLH
B
A
None
None
Remaining
P
tPHL
A and B, Cn
tPLH
A
B
None
None
Remaining
G
tPHL
A and B, Cn
tPLH
B
None
A
None
Remaining
G
tPHL
A and B, Cn
tPLH
A
None
B
Remaining
Remaining
A
= B
tPHL
A
B, Cn
tPLH
B
A
None
Remaining
Remaining
A
= B
tPHL
A
B, Cn
tPLH
A
B
None
None
Remaining
Cn+4
tPHL
A and B, Cn
tPLH
B
None
A
None
Remaining
Cn+4
tPHL
A and B, Cn
tPLH
Cn
None
None
All
None
Cn+4
tPHL
A and B
Input
Other Input
Other Data Inputs
Output
Symbol
Under
Same Bit
Under
Test
Apply
Apply
Apply
Apply
Test
4.5V
GND
4.5V
GND
tPLH
A
B
None
None
Remaining
Any F
tPHL
A and B, Cn
tPLH
B
A
None
None
Remaining
Any F
tPHL
A and B, Cn


Podobny numer części - DM74LS181N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS181N NSC-DM74LS181N Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
DM74LS181N NSC-DM74LS181N Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
More results

Podobny opis - DM74LS181N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com