Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS221SJ Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74LS221SJ
Szczegółowy opis  Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS221SJ Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74LS221SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 7Page - Fairchild Semiconductor DM74LS221SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006409
www.fairchildsemi.com
August 1986
Revised April 2000
DM74LS221 Dual Non-Retriggerable One-Shot
with Clear and Complementary Outputs
General Description
The DM74LS221 is a dual monostable multivibrator with
Schmitt-trigger input. Each device has three inputs permit-
ting the choice of either leading-edge or trailing-edge trig-
gering. Pin (A) is an active-LOW trigger transition input and
pin (B) is an active-HIGH transition Schmitt-trigger input
that allows jitter free triggering for inputs with transition
rates as slow as 1 volt/second. This provides the input with
excellent noise immunity. Additionally an internal latching
circuit at the input stage also provides a high immunity to
VCC noise. The clear (CLR) input can terminate the output
pulse at a predetermined time independent of the timing
components. This (CLR) input also serves as a trigger
input when it is pulsed with a low level pulse transition
(
). To obtain the best and trouble free operation from
this device please read operating rules as well as the Fair-
child Semiconductor one-shot application notes carefully
and observe recommendations.
Features
s A dual, highly stable one-shot
s Compensated for VCC and temperature variations
s Pin-out identical to DM74LS123 (Note 1)
s Output pulse width range from 30 ns to 70 seconds
s Hysteresis provided at (B) input for added noise
immunity
s Direct reset terminates output pulse
s Triggerable from CLEAR input
s DTL, TTL compatible
s Input clamp diodes
Note 1: The pin-out is identical to DM74LS123 but, functionally it is not;
refer to Operating Rules #10 in this datasheet.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Can Be Either LOW or HIGH
↑ = Positive Going Transition
↓ = Negative Going Transition
= A Positive Pulse
= A Negative Pulse
Note 2: This mode of triggering requires first the B input be set from a
LOW-to-HIGH level while the CLEAR input is maintained at logic LOW
level. Then with the B input at logic HIGH level, the CLEAR input whose
positive transition from LOW-to-HIGH will trigger an output pulse.
Order Number
Package Number
Package Description
DM74LS221M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS221SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS221N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
CLEAR
A
B
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
H
H
↑ (Note 2)
L
H


Podobny numer części - DM74LS221SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221M NSC-DM74LS221M Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221N NSC-DM74LS221N Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results

Podobny opis - DM74LS221SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com