Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS243N Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części DM74LS243N
Szczegółowy opis  Quadruple Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS243N Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  DM74LS243N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS243N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS243N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS243N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS243N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Switching Characteristics
at VCC = 5V, TA = 25°C
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 45 pF
18
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time
CL = 45 pF
18
ns
HIGH-to-LOW Level Output
RL = 667Ω
tPZL
Output Enable Time
CL = 45 pF
30
ns
to LOW Level
RL = 667Ω
tPZH
Output Enable Time
CL = 45 pF
23
ns
to HIGH Level
RL = 667Ω
tPLZ
Output Disable Time
CL = 5 pF
25
ns
from LOW Level
RL = 667Ω
tPHZ
Output Disable Time
CL = 5 pF
18
ns
from HIGH Level
RL = 667Ω
tPLH
Propagation Delay Time
CL = 150 pF
21
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time
CL = 150 pF
22
ns
HIGH-to-LOW Level Output
RL = 667Ω
tPZL
Output Enable Time
CL = 150 pF
33
ns
to LOW Level
RL = 667Ω
tPZH
Output Enable Time
CL = 150 pF
26
ns
to HIGH Level
RL = 667Ω


Podobny numer części - DM74LS243N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
National Semiconductor ...
DM74LS240 NSC-DM74LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74LS240N NSC-DM74LS240N Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Fairchild Semiconductor
DM74LS240N FAIRCHILD-DM74LS240N Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
National Semiconductor ...
DM74LS240N NSC-DM74LS240N Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
More results

Podobny opis - DM74LS243N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC3446 TI-MC3446 Datasheet
358Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER
SN74ALS758 TI1-SN74ALS758 Datasheet
108Kb / 6P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER WITH OPEN-COLLECTOR OUTPUTS
SN75136 TI-SN75136 Datasheet
115Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVER WITH 3-STATE OUTPUT
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com