Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS253 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74LS253
Szczegółowy opis  3-STATE Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS253 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74LS253 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS253 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS253 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS253 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS253 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS253 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 6: CL = 5 pF.
From (Input)
RL = 667Ω
Symbol
Parameter
To (Output)
CL = 45 pF
CL = 150 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
Data to Y
25
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Y
20
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Y
45
54
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Y
32
44
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to
Output
18
32
ns
HIGH Level Output
Control to Y
tPZL
Output Enable Time to
Output
23
35
ns
LOW Level Output
Control to Y
tPHZ
Output Disable Time from
Output
41
ns
HIGH Level Output (Note 6)
Control to Y
tPLZ
Output Disable Time from
Output
27
ns
LOW Level Output (Note 6)
Control to Y


Podobny numer części - DM74LS253

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS253 NSC-DM74LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM74LS253M NSC-DM74LS253M Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM74LS253N NSC-DM74LS253N Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
More results

Podobny opis - DM74LS253

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
Integral Corp.
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com