Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4512CE Arkusz danych(PDF) 5 Page - Analog Power

Numer części AM4512CE
Szczegółowy opis  P & N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512CE Arkusz danych(HTML) 5 Page - Analog Power

  AM4512CE Datasheet HTML 1Page - Analog Power AM4512CE Datasheet HTML 2Page - Analog Power AM4512CE Datasheet HTML 3Page - Analog Power AM4512CE Datasheet HTML 4Page - Analog Power AM4512CE Datasheet HTML 5Page - Analog Power AM4512CE Datasheet HTML 6Page - Analog Power AM4512CE Datasheet HTML 7Page - Analog Power AM4512CE Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AM4512CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4512CE_A
0
10
20
30
0
12345
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-4.0V
-5.0V
-6.0V
0
3
6
9
12
15
11.522.533.544.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
-4.5V
-6.0V
-10V
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0
2
4
6
8
10
02
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -5.7A
-15V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
TJ Juncation Temperature (C)
VGS = 10V
ID = 5.7A
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 3. On Resistance Vs Vgs Voltage
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-Resistance Variation with Temperature


Podobny numer części - AM4512CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
AM4512CE DOINGTER-AM4512CE Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
More results

Podobny opis - AM4512CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com