Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP100MC-360 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części SMP100MC-360
Szczegółowy opis  Trisil??for telecom equipment protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC-360 Arkusz danych(HTML) 3 Page - STMicroelectronics

  SMP100MC-360 Datasheet HTML 1Page - STMicroelectronics SMP100MC-360 Datasheet HTML 2Page - STMicroelectronics SMP100MC-360 Datasheet HTML 3Page - STMicroelectronics SMP100MC-360 Datasheet HTML 4Page - STMicroelectronics SMP100MC-360 Datasheet HTML 5Page - STMicroelectronics SMP100MC-360 Datasheet HTML 6Page - STMicroelectronics SMP100MC-360 Datasheet HTML 7Page - STMicroelectronics SMP100MC-360 Datasheet HTML 8Page - STMicroelectronics SMP100MC-360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SMP100MC
Characteristics
Doc ID 9699 Rev 5
3/13
Figure 1.
Electrical characteristics - definitions (Tamb = 25 °C)
Table 2.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Units
IPP
Repetitive peak pulse current
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
100
300
140
150
200
300
500
A
IFS
Fail-safe mode: maximum current(1)
1.
In fail safe mode the device acts as a short circuit.
8/20 µs
5
kA
ITSM
Non repetitive surge peak on-state current
(sinusoidal)
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
18
9
7
4
A
I2tI2t value for fusing
t = 16.6 ms
t = 20 ms
20
21
A²s
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
-40 to 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (with recommended footprint)
100
°C/W
Rth(j-l)
Junction to leads
20
°C/W
VRM VR VBO
V
I
IPP
IBO
IH
IRM
Symbol Parameter
V
Stand-off voltage
V
Breakover voltage
I
Leakage current
I
Peak pulse current
I
Breakover current
I
Holding current
V
Continuous reverse voltage
I
Leakage current at V
C
Capacitance
RM
BO
RM
PP
BO
H
R
RR


Podobny numer części - SMP100MC-360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMP100MC-120 STMICROELECTRONICS-SMP100MC-120 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-140 STMICROELECTRONICS-SMP100MC-140 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-160 STMICROELECTRONICS-SMP100MC-160 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-200 STMICROELECTRONICS-SMP100MC-200 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-230 STMICROELECTRONICS-SMP100MC-230 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
More results

Podobny opis - SMP100MC-360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com