Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5611 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADL5611
Szczegółowy opis  30 MHz to 6 GHz RF/IF Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5611 Arkusz danych(HTML) 3 Page - Analog Devices

  ADL5611 Datasheet HTML 1Page - Analog Devices ADL5611 Datasheet HTML 2Page - Analog Devices ADL5611 Datasheet HTML 3Page - Analog Devices ADL5611 Datasheet HTML 4Page - Analog Devices ADL5611 Datasheet HTML 5Page - Analog Devices ADL5611 Datasheet HTML 6Page - Analog Devices ADL5611 Datasheet HTML 7Page - Analog Devices ADL5611 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADL5611
Rev. PrA | Page 3 of 8
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
30
6000
MHz
FREQUENCY = 900 MHz
Gain
22.1
dB
Output 1 dB Compression Point
21.0
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 3 dBm per
tone
38.5
dBm
Noise Figure
2.1
dB
FREQUENCY = 1900 MHz
Gain
21.2
dB
Output 1 dB Compression Point
20.5
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 3 dBm per
tone
35.8
dBm
Noise Figure
2.5
dB
POWER INTERFACE
VPOS
Supply Voltage
4.75
5
5.25
V
Supply Current
90.7
mA
vs. Temperature
-40˚C≤TA≤+85˚C
-7/+5
mA
Power Dissipation
VPOS = 5V
0.45
W


Podobny numer części - ADL5611

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5611 AD-ADL5611 Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5611-EVALZ AD-ADL5611-EVALZ Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5611ARKZ-R7 AD-ADL5611ARKZ-R7 Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
More results

Podobny opis - ADL5611

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com