Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS373N Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części DM74LS373N
Szczegółowy opis  3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS373N Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  DM74LS373N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 6Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 7Page - Fairchild Semiconductor DM74LS373N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
DM74LS374 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 9: All typicals are at VCC = 5V, TA = 25°C.
Note 10: Not more than one output should be shorted at a time, and the duration should not exceed one second.
DM74LS374 Switching Characteristics
at VCC = 5V and TA = 25°C
Note 11: CL = 5 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 9)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.1
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
V
Output Voltage
VIL = Max, VIH = Min
IOL = 12 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOZH
Off-State Output Current with
VCC = Max, VO = 2.7V
20
µA
HIGH Level Output Voltage Applied
VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.4V
−20
µA
LOW Level Output Voltage Applied
VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 10)
−50
−225
mA
ICC
Supply Current
VCC = Max, Dn = GND, OC = 4.5V
27
45
mA
RL = 667Ω
Symbol
Parameter
CL = 45 pF
CL = 150 pF
Units
MinMax
MinMax
fMAX
Maximum Clock Frequency
35
20
MHz
tPLH
Propagation Delay Time
28
32
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
28
38
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
28
44
ns
to HIGH Level Output
tPZL
Output Enable Time
28
44
ns
to LOW Level Output
tPHZ
Output Disable Time
20
ns
from HIGH Level Output (Note 11)
tPLZ
Output Disable Time
25
ns
from LOW Level Output (Note 11)


Podobny numer części - DM74LS373N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS373N NSC-DM74LS373N Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
More results

Podobny opis - DM74LS373N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LS373 TI-SN54LS373 Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
CD54-74AC374 TI-CD54-74AC374 Datasheet
466Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD54AC374 TI-CD54AC374_07 Datasheet
520Kb / 16P
[Old version datasheet]   Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
CD54-74AC564 TI-CD54-74AC564 Datasheet
246Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com