Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części TIP29
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP29 Arkusz danych(HTML) 3 Page - ON Semiconductor

  TIP29 Datasheet HTML 1Page - ON Semiconductor TIP29 Datasheet HTML 2Page - ON Semiconductor TIP29 Datasheet HTML 3Page - ON Semiconductor TIP29 Datasheet HTML 4Page - ON Semiconductor TIP29 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIP29, A, B, C (NPN), TIP30, A, B, C (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 30 mAdc, IB = 0) (Note 2)
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
VCEO(sus)
40
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP29, TIP29A, TIP30, TIP30A
(VCE = 60 Vdc, IB = 0)
TIP29B, TIP29C, TIP30B, TIP30C
ICEO
0.3
0.3
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP29, TIP30
(VCE = 60 Vdc, VEB = 0)
TIP29A, TIP30A
(VCE = 80 Vdc, VEB = 0)
TIP29B, TIP30B
(VCE = 100 Vdc, VEB = 0)
TIP29C, TIP30C
ICES
200
200
200
200
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 0.2 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc)
hFE
40
15
75
Collector−Emitter Saturation Voltage (IC = 1.0 Adc, IB = 125 mAdc)
VCE(sat)
0.7
Vdc
Base−Emitter On Voltage (IC = 1.0 Adc, VCE = 4.0 Vdc)
VBE(on)
1.3
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 3)
(IC = 200 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
MHz
Small−Signal Current Gain (IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%
3. fT = ⎪hfe⎪• ftest


Podobny numer części - TIP29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29 MCC-TIP29 Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP29 CDIL-TIP29 Datasheet
317Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com