Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części TIP29B
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP29B Arkusz danych(HTML) 1 Page - ON Semiconductor

  TIP29B Datasheet HTML 1Page - ON Semiconductor TIP29B Datasheet HTML 2Page - ON Semiconductor TIP29B Datasheet HTML 3Page - ON Semiconductor TIP29B Datasheet HTML 4Page - ON Semiconductor TIP29B Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 11
1
Publication Order Number:
TIP29B/D
TIP29, A, B, C (NPN),
TIP30, A, B, C (PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications. Compact TO−220 AB package.
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
29
30
29A
30A
29B
30B
29C
30C
Unit
Collector − Emitter
Voltage
VCEO
40
60
80
100
Vdc
Collector − Base Voltage
VCB
40
60
80
100
Vdc
Emitter − Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak
IC
1.0
3.0
Adc
Base Current
IB
0.4
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25°C
PD
30
0.24
W
W/°C
Total Power Dissipation
@ TA = 25°C
Derate above 25°C
PD
2.0
0.016
W
W/°C
Unclamped Inductive
Load Energy (Note 1)
E
32
mJ
Operating and Storage
Junction Temperature
Range
TJ, Tstg
– 65 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Thermal Resistance, Junction−to−Case
RqJC
4.167 °C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. This rating based on testing with LC = 20 mH, RBE = 100 W, VCC = 10 V, IC =
1.8 A, P.R.F = 10 Hz
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
1 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
40, 60, 80, 100 VOLTS,
80 WATTS
http://onsemi.com
1
2
3
4
TIPxxx
= Device Code:
29, 29A, 29B, 29C
30, 30A, 30B, 30C
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
TIPxxxG
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR


Podobny numer części - TIP29B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29B MOSPEC-TIP29B Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29B MCC-TIP29B Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
Micro Commercial Compon...
TIP29B MCC-TIP29B Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
TIP29B ONSEMI-TIP29B Datasheet
137Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
More results

Podobny opis - TIP29B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com