Zakładka z wyszukiwarką danych komponentów |
|
TIP30AG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
TIP30AG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 5 page © Semiconductor Components Industries, LLC, 2011 October, 2011 − Rev. 11 1 Publication Order Number: TIP29B/D TIP29, A, B, C (NPN), TIP30, A, B, C (PNP) Complementary Silicon Plastic Power Transistors Designed for use in general purpose amplifier and switching applications. Compact TO−220 AB package. Features • Pb−Free Packages are Available* MAXIMUM RATINGS Rating Symbol 29 30 29A 30A 29B 30B 29C 30C Unit Collector − Emitter Voltage VCEO 40 60 80 100 Vdc Collector − Base Voltage VCB 40 60 80 100 Vdc Emitter − Base Voltage VEB 5.0 Vdc Collector Current − Continuous − Peak IC 1.0 3.0 Adc Base Current IB 0.4 Adc Total Power Dissipation @ TC = 25°C Derate above 25°C PD 30 0.24 W W/°C Total Power Dissipation @ TA = 25°C Derate above 25°C PD 2.0 0.016 W W/°C Unclamped Inductive Load Energy (Note 1) E 32 mJ Operating and Storage Junction Temperature Range TJ, Tstg – 65 to + 150 °C THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Ambient RqJA 62.5 °C/W Thermal Resistance, Junction−to−Case RqJC 4.167 °C/W Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. This rating based on testing with LC = 20 mH, RBE = 100 W, VCC = 10 V, IC = 1.8 A, P.R.F = 10 Hz *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−220AB CASE 221A STYLE 1 MARKING DIAGRAM 1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40, 60, 80, 100 VOLTS, 80 WATTS http://onsemi.com 1 2 3 4 TIPxxx = Device Code: 29, 29A, 29B, 29C 30, 30A, 30B, 30C A = Assembly Location Y = Year WW = Work Week G= Pb−Free Package TIPxxxG AYWW See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION STYLE 1: PIN 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR |
Podobny numer części - TIP30AG |
|
Podobny opis - TIP30AG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |