Zakładka z wyszukiwarką danych komponentów |
|
DM74S00 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
DM74S00 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006489 www.fairchildsemi.com August 1986 Revised May 2000 DM74S00 Quad 2-Input NAND Gate General Description This device contains four independent gates each of which performs the logic NAND function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = AB H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74S00M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74S00N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LL H LH H HL H HH L |
Podobny numer części - DM74S00 |
|
Podobny opis - DM74S00 |