Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM20P03-60D Arkusz danych(PDF) 2 Page - Analog Power

Numer części AM20P03-60D
Szczegółowy opis  P-Channel 32-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20P03-60D Arkusz danych(HTML) 2 Page - Analog Power

  AM20P03-60D Datasheet HTML 1Page - Analog Power AM20P03-60D Datasheet HTML 2Page - Analog Power AM20P03-60D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM20P03-60I
Analog Power
January, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM20P03-60I_C
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±25 V
±100
nA
VDS = -24 V, VGS = 0 V
-1
VDS = -24 V, VGS = 0 V, TJ = 55
oC
-5
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -10 V
-41
A
VGS = -10 V, ID = -24 A
59
VGS = -4.5 V, ID = -19 A
95
Forward Tranconductance
A
gfs
VDS = -15 V, ID = -24 A
31
S
Diode Forward Voltage
VSD
IS = -41 A, VGS = 0 V
-0.7
V
Total Gate Charge
Qg
6.4
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
td(on)
10
Rise Time
tr
2.8
Turn-Off Delay Time
td(off)
53.6
Fall-Time
tf
46
rDS(on)
mΩ
Parameter
Limits
Unit
VDD = -15 V, RL = 15 Ω , ID = -24
A,
VGEN = -10 V, RG = 6Ω
nS
VDS = -15 V, VGS = -4.5 V,
ID = -24 A
nC
Dynamic
b
Switching
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Drain-Source On-Resistance
A


Podobny numer części - AM20P03-60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
AM20P03-60D-T1-PF VBSEMI-AM20P03-60D-T1-PF Datasheet
1,014Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - AM20P03-60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM4530C ANALOGPOWER-AM4530C Datasheet
231Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
AM8958C ANALOGPOWER-AM8958C Datasheet
243Kb / 8P
   P & N-Channel 32-V (D-S) MOSFET
AM3599C ANALOGPOWER-AM3599C Datasheet
223Kb / 7P
   N & P-Channel 32-V (D-S) MOSFET
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
   P & N-Channel 32-V (D-S) MOSFET
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com