Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM30N06-39IE Arkusz danych(PDF) 1 Page - Analog Power

Numer części AM30N06-39IE
Szczegółowy opis  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N06-39IE Arkusz danych(HTML) 1 Page - Analog Power

  AM30N06-39IE Datasheet HTML 1Page - Analog Power AM30N06-39IE Datasheet HTML 2Page - Analog Power AM30N06-39IE Datasheet HTML 3Page - Analog Power AM30N06-39IE Datasheet HTML 4Page - Analog Power AM30N06-39IE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM30N06-39IE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM30N06-39IE_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
38 @ VGS = 10V
30
50 @ VGS = 4.5V
26
PRODUCT SUMMARY
60
N-Channel 60-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DPAK saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
60
VGS
±20
Continuous Drain Current
a
TC=25
oC ID
19
IDM
40
IS
30
A
Power Dissipation
a
TC=25
oC PD
50
W
TJ, Tstg -55 to 175
oC
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
RθJA
50
oC/W
Maximum Junction-to-Case
RθJC
3.0
oC/W
THERMAL RESISTANCE RATINGS


Podobny numer części - AM30N06-39IE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
AM30N06-39IE-T1-PF VBSEMI-AM30N06-39IE-T1-PF Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Podobny opis - AM30N06-39IE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com