Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74S299 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74S299
Szczegółowy opis  3-STATE 8-Bit Universal Shift/Storage Register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S299 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74S299 Datasheet HTML 1Page - Fairchild Semiconductor DM74S299 Datasheet HTML 2Page - Fairchild Semiconductor DM74S299 Datasheet HTML 3Page - Fairchild Semiconductor DM74S299 Datasheet HTML 4Page - Fairchild Semiconductor DM74S299 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 8: TA = 25°C and VCC = 5V.
Note 9: All typicals are at VCC = 5V, TA = 25°C.
Note 10: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C (See Section 1 for Test Waveforms and Output Load)
Note 11: CL = 5 pF.
Note 12: RL = 1KΩ for delays measured to QA′ and QH′.
Note 13: For testing fMAX all outputs are loaded simultaneously.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
QA thru QH
2.4
3.2
V
Output Voltage
VIL = Max, VIH = Min
QA′, QH′
2.7
3.4
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level
VCC = Max
A thru H,
100
Input Current
VI = 2.7V
S0, S1
µA
Any Other
50
IIL
LOW Level
VCC = Max
Clock, Clear
−2
Input Current
VI = 0.5V
S0, S1
−0.5
mA
Other
−0.25
IOZH
Off-State Output Current with
VCC = Max, VO = 2.4V
HIGH Level Output Voltage
VIH = Min, VIL = Max
100
µA
Applied (QA thru QH)
IOZL
Off-State Output Current with
VCC = Max, VO = 0.5V
LOW Level Output Voltage
VIH = Min, VIL = Max
−250
µA
Applied (QA thru QH)
IOS
Short Circuit Output
VCC = Max
−40
−100
mA
Current (QA thru QH)
(Note 10)
Short Circuit Output
VCC = Max
−20
−100
Current (QA′, QH′)
(Note 10)
ICC
Supply Current
VCC = Max
140
225
mA
RL = 280Ω (Note 12)
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
(Note 13)
50
40
MHz
tPLH
Propagation Delay Time
Clock to QA′ or QH′
20
22
ns
LOW-to-HIGH Level Output (Note 12)
tPHL
Propagation Delay Time
Clock to QA′ or QH
20
23
ns
HIGH-to-LOW Level Output (Note 12)
tPLH
Propagation Delay Time
Clock to QA thru QH
21
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to QA thru QH
21
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to QA′ or QH′
21
24
ns
HIGH-to-LOW Level Output (Note 12)
tPHL
Propagation Delay Time
Clear to QA thru QH
24
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to HIGH Level Output
G1, G2 to QA thru QH
18
ns
tPZL
Output Enable Time to LOW Level Output
G1, G2 to QA thru QH
18
ns
tPHZ
Output Disable Time to HIGH Level Output (Note 11) G1, G2 to QA thru QH
12
ns
tPLZ
Output Disable Time to LOW Level Output (Note 11)
G1, G2 to QA thru QH
12
ns


Podobny numer części - DM74S299

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74S20 FAIRCHILD-DM74S20 Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
DM74S20N FAIRCHILD-DM74S20N Datasheet
33Kb / 3P
   Dual 4-Input NAND Gate
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S240N FAIRCHILD-DM74S240N Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S241N FAIRCHILD-DM74S241N Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
More results

Podobny opis - DM74S299

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com