Zakładka z wyszukiwarką danych komponentów |
|
ISLA214P20 Arkusz danych(PDF) 1 Page - Intersil Corporation |
|
ISLA214P20 Arkusz danych(HTML) 1 Page - Intersil Corporation |
1 / 25 page 1 Application Note 1837 Author: Michael Steffes Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform ISLA214P50-55210EV1Z High Speed ADC/AMP Evaluation Board 1. ISLA214P50 High Speed, High Performance ADC (14-bit, 500MSPS) 2. ISL55210 High Performance, Low Power, Fully Differential Amplifier (FDA) 3. Compatible with existing Intersil high speed ADC evaluation platforms 4. Optional response measurement port from ADC inputs to board edge 5. Pin compatible family of 12-to-16 bit ADC’s can be used on this board Performance Range 1. Clock rate range: 80MSPS to 500MSPS 2. 283mVP-P input (-7.0dBm) for -2dBFS at ADC inputs (1.6VP-P at ADC) 3. ±0.8dB flat response from 100kHz to 100MHz 4. Typical SNRFS (30MHz input, 500MSPS): 71.8dBFS (vs 72.6dBFS for ADC only) 5. Typical SFDR (30MHz input, 500MSPS): 89dBc (vs 84dBc for ADC only) System Requirements 1. ISLA214P50-55210EV1Z Evaluation Board 2. KMB-001LEVALZ Intersil Motherboard (+5V supply provided with motherboard) 3. Intersil Konverter software http://www.intersil.com/content/intersil/en/products/dat a-converters/high-speed-a-d-converters/hs-adc-evaluation- platform.html 4. Low jitter clock source 5. Bandpass filters 6. PC running Windows XP operating system with Konverter software installed Board Numbering Note The original board marking was ISLA214P50/55210EV1Z. For ordering purposes, that has been changed wherever possible to ISLA214P50-ISL55210EV1Z. Any reference to ISL214P50/55210EV1Z would be the same end item as the final ordering number version with the dash instead slash. Evaluation Platform Overview This ISLA214P50-55210EV1Z is an evaluation platform featuring Intersil’s ultra-high dynamic range fully differential amplifier (FDA), the ISL55210, and the High Speed, High Performance, 14-bit, 500MSPS ADC, the ISLA214P50. This PCB daughterboard mates to Intersil’s existing high speed ADC evaluation platform allowing for easy performance measurement and analysis (see Intersil Application Notes AN1433, and AN1434 for more information). The ADC evaluation platform consists of custom designed hardware and software supporting a wide range of ADC daughterboards on the KMB-001 motherboard. The function of the hardware is to provide power to the ADC daughterboard, manage the communication to the ADC internal settings, accept clock and signal inputs, and buffer the digital outputs for communication to a host PC. The Konverter software is required to configure the ADC for initial operation, to modify the device functionality or parameters, and to process and display the captured digital data. Konverter software version 1.22c (or later) supports the ISLA214P50 family and the ISLA214P50-55210EV1Z PCB. CONTACT THE FACTORY FOR ASSISTANCE IN USING THE KONVERTER SOFTWARE TO MODIFY THIS BOARD TO A DIFFERENT ADC IN THE PIN COMPATIBLE FAMILY. TABLE 1. PIN COMPATIBLE HIGH PERFORMANCE ADC FAMILY PART NUMBER RESOLUTION (Bits) MAXIMUM SAMPLE RATE (Msps) POWER CONSUMPTION (mW) ISLA216P25 16 250 785 ISLA216P20 16 200 720 ISLA216P13 16 130 615 ISLA214P50 14 500 835/900 (Note) ISLA214P25 14 250 450 ISLA214P20 14 200 410 ISLA214P13 14 130 360 ISLA214P12 14 125 310 ISLA212P50 12 500 823/892 (Note) ISLA212P25 12 250 440 ISLA212P20 12 200 405 ISLA212P13 12 130 355 NOTE: I2E disabled/enabled. CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2013. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. May 3, 2013 AN1837.0 |
Podobny numer części - ISLA214P20 |
|
Podobny opis - ISLA214P20 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |