Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74S373N Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części DM74S373N
Szczegółowy opis  3-STATE Octal D-Type Transparent Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S373N Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  DM74S373N Datasheet HTML 1Page - Fairchild Semiconductor DM74S373N Datasheet HTML 2Page - Fairchild Semiconductor DM74S373N Datasheet HTML 3Page - Fairchild Semiconductor DM74S373N Datasheet HTML 4Page - Fairchild Semiconductor DM74S373N Datasheet HTML 5Page - Fairchild Semiconductor DM74S373N Datasheet HTML 6Page - Fairchild Semiconductor DM74S373N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DM74S373 Switching Characteristics
at VCC = 5V and TA = 25°C
Note 8: CL = 5 pF
DM74S374 Recommended Operating Conditions
Note 9: CL = 15 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 10: CL = 50 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 11: The symbol (
↑) indicates the rising edge of the clock pulse is used for reference.
Note 12: TA = 25°C and VCC = 5V.
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Any Q
12
14
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Any Q
12
16
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Any Q
14
14
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Any Q
18
21
ns
HIGH-to-LOW Level Output
tPZH
Enable Time to
Output Control to Any Q
15
17
ns
HIGH Level Output
tPZL
Output Enable Time to
Output Control to Any Q
18
23
ns
LOW Level Output
tPHZ
Output Disable Time to
Output Control to Any Q
9
ns
HIGH Level Output (Note 8)
tPLZ
Output Disable Time to
Output Control to Any Q
12
ns
LOW Level Output (Note 8)
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−6.5
mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency (Note 9)
0
75
MHz
fCLK
Clock Frequency (Note 10)
0
75
MHz
tW
Pulse Width
Clock HIGH
6
(Note 9)
Clock LOW
7.3
ns
Pulse Width
Clock HIGH
15
(Note 10)
Clock LOW
15
tSU
Data Setup Time (Note 11)(Note 12)
5
ns
tH
Data Hold Time (Note 11)(Note 12)
2
ns
TA
Free Air Operating Temperature
0
70
°C


Podobny numer części - DM74S373N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74S30 FAIRCHILD-DM74S30 Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S30N FAIRCHILD-DM74S30N Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
   Quad 2-Input OR Gate
logo
National Semiconductor ...
DM74S32 NSC-DM74S32 Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
DM74S32N NSC-DM74S32N Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
More results

Podobny opis - DM74S373N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com