Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1582 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN1582
Szczegółowy opis  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN1582 Datasheet HTML 1Page - Fairchild Semiconductor FAN1582 Datasheet HTML 2Page - Fairchild Semiconductor FAN1582 Datasheet HTML 3Page - Fairchild Semiconductor FAN1582 Datasheet HTML 4Page - Fairchild Semiconductor FAN1582 Datasheet HTML 5Page - Fairchild Semiconductor FAN1582 Datasheet HTML 6Page - Fairchild Semiconductor FAN1582 Datasheet HTML 7Page - Fairchild Semiconductor FAN1582 Datasheet HTML 8Page - Fairchild Semiconductor FAN1582 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FAN1582
PRODUCT SPECIFICATION
4
REV. 1.1.2 2/26/03
Typical Perfomance Characteristics
T=0
°C
T=125
°C
T=25
°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
0.5
1
2
3
1.5
2.5
OUTPUT CURRENT (A)
Dropout Voltage vs. Output Current
Load Regulation vs. Temperature
Reference Voltage vs. Temperature
Output Voltage vs. Temperature
Mimimum Load Current vs. Temperature
Adjust Pin Current vs. Temperature
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-75 -50 -25
25
50
75
100
125 150
175
0
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
∆Ι=3A
1.275
1.270
1.265
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
100
90
80
70
60
50
40
30
20
10
0
-75 -50 -25
0
25
50
75
100 125
150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75
100
125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50
-25
0
25
50
75
100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50
-25
0
25
50
75
100 125 150 175
VOUT set with
1% resistors
VOUT = 3.3V1
Note:
1. FAN1582 Only
10
8
6
4
2
0
Note:
1. FAN1582 Only


Podobny numer części - FAN1582

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D25X FAIRCHILD-FAN1582D25X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582DX FAIRCHILD-FAN1582DX Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1582

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com