Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1084MC33 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN1084MC33
Szczegółowy opis  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084MC33 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1084MC33 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 9Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 10Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 11Page - Fairchild Semiconductor FAN1084MC33 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FAN1084
PRODUCT SPECIFICATION
8
REV. 1.0.8 11/10/03
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This
is the lowest resistance path for heat flow. Proper mounting
ensures the best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive material at the
case-to-heat sink interface is recommended. Use a thermally
conductive spacer if the case of the device must be electri-
cally isolated and include its contribution to the total thermal
resistance. The cases of the FAN1084 series are directly con-
nected to the output of the device.
Figure 6. Application Circuit
Table 1. Bill of Materials for Application Circuit for the FAN1084
Figure 7. Application Circuit (FAN1084-1.5)
Table 2. Bill of Materials for Application Circuit for the FAN1084-1.5
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C2, C3
2
Xicon
L10V100
100µF, 10V Aluminum
R1, R2
2
Generic
124
Ω, 1%
U1
1
Fairchild
FAN1084T
4.5A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1084T-1.5
4.5A Regulator
FAN1084
ADJ
C3
100
µF
C2
100
µF
VOUT
2.5V
+
C1
10
µF
+
+
IN
OUT
U1
VIN
R1
124
R2
124
RC1084-1.5
U1
GND
C3
100
µF
VOUT 1.5V
+
C1
10
µF
+
IN
OUT
VIN = 3.3V


Podobny numer części - FAN1084MC33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Podobny opis - FAN1084MC33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com