Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1582M-2.5 Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN1582M-2.5
Szczegółowy opis  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582M-2.5 Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN1582M-2.5 Datasheet HTML 4Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 5Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 6Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 7Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 8Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 9Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 10Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 11Page - Fairchild Semiconductor FAN1582M-2.5 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FAN1582
PRODUCT SPECIFICATION
11
REV. 1.1.2 2/26/03
Mechanical Dimensions (continued)
5-Lead SPAK Package
L2
C
c1
c2
Seating Plane
0.005 (0.13)
0.001 (0.03)
R
Gage Plane
L1
5
1
B
A
L
D
b2
L3
M
0.010 (0,25)
0.004 (0,10)
3
°–6°
Thermal Ta b
(See Note 3)
E
Notes:
1.
All linear dimensions are in inches (millimeters).
2.
This drawing is subject to change without notice.
3. The center lead is in electrical contact with the thermal tab.
4. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15).
A
0.360
0.350
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
B
0.220 NOM
0.268
0.070
C
0.080
c1
0.050
0.040
D
E
L
0.420
0.410
0.067
0.295 NOM
0
°
8
°
e
L1
α
c2
0.010 NOM
9.14
8.89
0.375
0.365
9.52
9.27
5.59 NOM
6.81
b1
b2
0.031
0.025
0.79
0.63
1.78
2.03
1.27
1.02
10.67
10.41
0.041
0.031
1.04
0.79
1.72
7.49 NOM
0.25 NOM
0
°
8
°
L2
0.360
0.350
9.14
8.89
L3
0.320
0.310
8.13
7.87
R
0.010 NOM
0.25 NOM
b1
e


Podobny numer części - FAN1582M-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582M25X FAIRCHILD-FAN1582M25X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582MX FAIRCHILD-FAN1582MX Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1582M-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com