Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1581D25X Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN1581D25X
Szczegółowy opis  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581D25X Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN1581D25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 9Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FAN1581
PRODUCT SPECIFICATION
6
REV. 1.2.0 11/6/03
General
The FAN1581, FAN1581-1.2, FAN1581-1.5, and
FAN1581-2.5 are three-terminal regulators optimized for
DDR and GTL+ VTT termination and logic applications.
These devices are short-circuit protected, and offer thermal
shutdown to turn off the regulator when the junction temper-
ature exceeds about 150°C. The FAN1581 series provides
low dropout voltage and fast transient response. Frequency
compensation uses capacitors with low ESR while still main-
taining stability. This is critical in addressing the needs of
low voltage high speed microprocessor buses like GTL+.
VIN and VCNTL Functions
The FAN1581 utilizes a dual supply approach to maximize
efficiency. The collector of the power device is brought out
to the VIN pin to minimize internal power dissipation under
high current loads. VCNTL provides power for the control
circuitry and the drive for the output NPN transistor.
VCNTL should be at least 1.2 V higher than the output volt-
age. Special care was taken to ensure there are no supply-
sequencing problems. The output voltage will not turn on
until both supplies are operating. If the control voltage
comes up first, the output current will be typically limited to
about 3.0 mA until the power input voltage comes up. If the
power input voltage comes up first the output will not turn on
at all until the control voltage comes up. The output can
never come up unregulated.
The FAN1581 can also be used as a single supply device
with the control and power inputs tied together. In this mode,
the dropout is determined by the minimum control voltage.
Stability
The FAN1581 series requires an output capacitor as a part of
the frequency compensation. It is recommended to use a 22µF
solid tantalum or a 100µF aluminum electrolytic on the output
to ensure stability. The frequency compensation of these
devices optimizes the frequency response with low ESR capaci-
tors. In general, it is suggested to use capacitors with an ESR
of < 0.3
Ω. It is also recommended to use bypass capacitors
such as a 22µF tantalum or a 100µF aluminum on the
adjust pin of the FAN1581 for low ripple and fast transient
response. When these bypassing capacitors are not used at the
adjust pin, smaller values of output capacitors provide equally
good results. A graph showing stability of output capacitance
ESR vs load current can be found under Typical Performance
Characteristics.
Protection Diodes
In normal operation, the FAN1581 series does not require any
protection diodes. For the FAN1581, internal resistors limit
internal current paths on the adjust pin. Therefore, even with
bypass capacitors on the adjust pin, no protection diode is
needed to ensure device safety under short-circuit conditions.
A protection diode between the input and output pins is
usually not needed. An internal diode between the input and
the output pins on the FAN1581 series can handle microsec-
ond surge currents of 50A to 100A. Even with large value
output capacitors it is difficult to obtain those values of surge
currents in normal operation. Only with large values of out-
put capacitance, such as 1000µF to 5000µF, and with the
input pin instantaneously shorted to ground can damage
occur. A crowbar circuit at the input can generate those levels of
current; a diode from output to input is then recommended,
as shown in Figure 1. Usually, normal power supply cycling
or system “hot plugging and unplugging” will not generate
current large enough to do any damage.
Figure 1. Optional Protection Diode
Ripple Rejection
In applications that require improved ripple rejection, a bypass
capacitor from the adjust pin of the FAN1581 to ground
reduces the output ripple by the ratio of VOUT/1.25V. The
impedance of the adjust pin capacitor at the ripple frequency
should be less than the value of R1 (typically in the range of
100
Ω to 120Ω) in the feedback divider network in Figure 1.
Therefore, the value of the required adjust pin capacitor is a
function of the input ripple frequency. For example, if R1 equals
100
Ω and the ripple frequency equals 120Hz, the adjust pin
capacitor should be 22µF. At 10kHz, only 0.22µF is needed.
Output Voltage
The FAN1581 regulator develops a 1.25V reference voltage
between the output pin and the adjust pin (see Figure 2).
Placing a resistor R1 between these two terminals causes a
constant current to flow through R1 and down through R2 to
set the overall output voltage. Normally, this current is the
specified minimum load current of 10mA.
FAN1581
Adj
C2
22
µF
VOUT
+
C1
10
µF
+
CADJ
+
Vcntl
Vsense
Vin
Vout
R1
R2
D1
1N4002
(OPTIONAL)
VIN
VOUT
FAN1581
Gnd
C2
22
µF
VOUT
+
C1
10
µF
+
Vcntl
Vsense
Vin
Vout
D1
1N4002
(OPTIONAL)
VIN
VCNTL


Podobny numer części - FAN1581D25X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1581D25X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com