Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2502 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN2502
Szczegółowy opis  150 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2502 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2502 Datasheet HTML 2Page - Fairchild Semiconductor FAN2502 Datasheet HTML 3Page - Fairchild Semiconductor FAN2502 Datasheet HTML 4Page - Fairchild Semiconductor FAN2502 Datasheet HTML 5Page - Fairchild Semiconductor FAN2502 Datasheet HTML 6Page - Fairchild Semiconductor FAN2502 Datasheet HTML 7Page - Fairchild Semiconductor FAN2502 Datasheet HTML 8Page - Fairchild Semiconductor FAN2502 Datasheet HTML 9Page - Fairchild Semiconductor FAN2502 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN2502/FAN2503
PRODUCT SPECIFICATION
REV. 1.1.7 2/14/03
7
Typical Performance Characteristics
0
20
40
60
80
100
Frequency (Hz)
Power Supply
Frequency (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1.0µF Cer.
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
20
40
60
80
100
Rejection Ratio
I
OUT = 150mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
I
OUT = 100µA
150mA
C
OUT = 1.0µF Cer.
10mA
100mA
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
I
OUT = 100µA
150mA
C
OUT = 10µF Cer.
10mA
100mA
V
IN = 4.0V
V
OUT = 3.0V
0
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100µA
C
OUT = 10µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 10µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Noise Performance
Rejection Ratio
I
OUT = 100mA
C
OUT = 10µF Cer.
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 150mA
C
OUT = 10µF Cer.
10
100
1k
10k 100k 1M 10M
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
V
IN = 4.0V
V
OUT = 3.0V
C
OUT = 1.0µF
C
BYP = 0.01µF
I
L = 10µA
V
IN = 4.0V
V
OUT = 3.0V
Load Current (mA)
Ground Pin Current
15.00
17.00
19.00
21.00
23.00
25.00
0.1
1
10
100
V
IN = 4V
V
OUT = 3V


Podobny numer części - FAN2502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
FAN2502S25X ONSEMI-FAN2502S25X Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
More results

Podobny opis - FAN2502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com