Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2509 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN2509
Szczegółowy opis  50 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2509 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN2509 Datasheet HTML 1Page - Fairchild Semiconductor FAN2509 Datasheet HTML 2Page - Fairchild Semiconductor FAN2509 Datasheet HTML 3Page - Fairchild Semiconductor FAN2509 Datasheet HTML 4Page - Fairchild Semiconductor FAN2509 Datasheet HTML 5Page - Fairchild Semiconductor FAN2509 Datasheet HTML 6Page - Fairchild Semiconductor FAN2509 Datasheet HTML 7Page - Fairchild Semiconductor FAN2509 Datasheet HTML 8Page - Fairchild Semiconductor FAN2509 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FAN2508/FAN2509
PRODUCT SPECIFICATION
REV. 1.0.6 2/14/03
5
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only
if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Based upon thermally limited junction temperature:
4. Human Body Model is 4kV minimum using Mil Std. 883E, method 3015.7. Machine Model is 400V minimum using JEDEC
method A115-A.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Power Supply Voltages
VIN (Measured to GND)
0
7
V
Enable Input (EN)
Applied voltage (Measured to GND)2
07
V
ERR Output
Applied voltage (Measured to GND)2
07
V
Power
Dissipation3
Internally limited
Temperature
Junction
-65
150
°C
Lead Soldering (5 seconds)
260
°C
Storage
-65
150
°C
Electrostatic Discharge4
4kV
Parameter
Min
Nom
Max
Units
VIN
Input Voltage Range
2.7
6.5
V
VOUT
Output Voltage Range, Adjustable
VREF
VIN-VDO
V
VEN
Enable Input Voltage
0
VIN
V
VERR
ERR Flag Voltage
VIN
V
TJ
Junction Temperature
-40
+125
°C
θ
JA
Thermal resistance
220
°C/W
θ
JC
Thermal resistance
130
°C/W
P
D
T
J max
() TA
Θ
JA
-------------------------------
=


Podobny numer części - FAN2509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2509 FAIRCHILD-FAN2509 Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S25X FAIRCHILD-FAN2509S25X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S26X FAIRCHILD-FAN2509S26X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S27X FAIRCHILD-FAN2509S27X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S285X FAIRCHILD-FAN2509S285X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
More results

Podobny opis - FAN2509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com