Zakładka z wyszukiwarką danych komponentów |
|
BA7806CP Arkusz danych(PDF) 1 Page - Rohm |
|
BA7806CP Arkusz danych(HTML) 1 Page - Rohm |
1 / 13 page 1/12 www.rohm.com 2012.03 - Rev.C © 2012 ROHM Co., Ltd. All rights reserved. 78 Series Regulators 1A Output 78 series Regulators 500mA Output 78 series Regulators BA78□□Series,BA78M□□Series ●Description BA78□□, BA78M□□ series are three-terminal regulators available with several fixed output voltages. It supplies the stable fixes voltage from unstable direct input voltage. The useful output voltage lineup is 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V with 0.5A / 1A current ability. They have nearly same electric characteristics as competitor products and cover a wide range of application. ●Features 1) Built-in over-current protection circuit and thermal shutdown circuit 2) High ripple rejection 3) Available TO220CP-3, TO252-3 package to a wide range application 4) Compatible replacement to competitor products 5) Various voltage lineup (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V) ●Applications Fixed voltage power supply for TV, Audio components, etc ●Line up ■1A BA78□□Series Part Number 5V 6V 7V 8V 9V 10V 12V 15V 18V 20V 24V Package BA78□□CP ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO220CP-3 BA78□□FP ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO252-3 ■0.5A BA78M□□Series Part Number 5V 6V 7V 8V 9V 10V 12V 15V 18V 20V 24V Package BA78M□□CP ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO220CP-3 BA78M□□FP ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ ○ TO252-3 ●Output Voltage and Marking Part Number:BA78□□□□ (1A) Part Number:BA78M□□□□ (0.5A) Symbol assignment of output voltage Symbol assignment of output voltage a □□ Output voltage(V) □□ Output voltage(V) a □□ Output voltage(V) □□ Output voltage(V) 05 5.0V typ. 12 12V typ. 05 5.0V typ. 12 12V typ. 06 6.0V typ. 15 15V typ. 06 6.0V typ. 15 15V typ. 07 7.0V typ. 18 18V typ. 07 7.0V typ. 18 18V typ. 08 8.0V typ. 20 20V typ. 08 8.0V typ. 20 20V typ. 09 9.0V typ. 24 24V typ. 09 9.0V typ. 24 24V typ. 10 10.0V typ. 10 10.0V typ. b Package b Package CP:TO220CP-3 CP:TO220CP-3 FP:TO252-3 FP:TO252-3 No.12019ECT01 b a b a |
Podobny numer części - BA7806CP |
|
Podobny opis - BA7806CP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |