Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5067 Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN5067
Szczegółowy opis  ACPI Dual Switch Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5067 Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5067 Datasheet HTML 6Page - Fairchild Semiconductor FAN5067 Datasheet HTML 7Page - Fairchild Semiconductor FAN5067 Datasheet HTML 8Page - Fairchild Semiconductor FAN5067 Datasheet HTML 9Page - Fairchild Semiconductor FAN5067 Datasheet HTML 10Page - Fairchild Semiconductor FAN5067 Datasheet HTML 11Page - Fairchild Semiconductor FAN5067 Datasheet HTML 12Page - Fairchild Semiconductor FAN5067 Datasheet HTML 13Page - Fairchild Semiconductor FAN5067 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FAN5067
PRODUCT SPECIFICATION
10
REV. 1.0.1 5/2/02
Figure 6. Recommended C vs. ESR for
Stable Operation of the Dual Output
Adjustable Dual Output
The adjustable dual output is intended to provide power to
SDRAM or DDR memory.
Adjustable dual is generated by one external NPN bipolar
acting as a linear regulator from +5V main, and one linear
regulator internal to the FAN5067 from +5V standby, as
shown in Figure 4, and in the block diagram on the front
page. When main power is present, the NPN Q3 linear regu-
lates, and when main power is absent, the internal linear reg-
ulator is on. Q3 cannot be substituted with a MOSFET. If
used in one direction, the MOSFET’s body diode would per-
mit back-feed; if used in the other direction, it would short-
circuit the linear regulator action.
The state of the external MOSFET and the internal linear
regulator is controlled by the SLP_S3 and PWROK lines,
and additionally the SLP_S5 line, as shown in Figure 3.
When SLP_S5 is de-asserted, both the external MOSFET
and the internal linear regulator are off, and there is no out-
put voltage on the 3.3V SDRAM line.
If the SLP_S5 line is asserted, the adjustable dual output is
on. In this condition, if either the SLP_S3 or the PWROK
line, or both, are de-asserted, the linear regulator is on and
the MOSFET is off. Only in the case if both the SLP_S3 and
the PWROK lines are asserted, the MOSFET is on and the
linear regulator is off.
In a typical system, it is anticipated that standby current will
be a maximum of 365mA, and full-power current may be as
high as 2A. This places some significant constraints on the
selection of Q3. Since its input may be as low as (5V – 5%)
= 4.75V, there is only 4.75V – 3.3V = 1.45mV of VCE head-
room for its operation as a linear regulator. For this reason
the FAN5067 can provide up to 200mA of steady-state base
current. The TIP41A device shown has a sufficiently low
VCE, sat to guarantee worst-case regulation even at 2A IE with
this base current.
The output voltage of the Adjustable Dual is set with two
resistors as shown in Figure 4, according to the equation.
Dynamic Change of Adjust Output
There may be circumstances under which it is desired to
dynamically change the output of the adjustable dual output.
For example, a circuit that switches from 2.5V to 3.3V is
shown in Figure 7.
Figure 7. Circuit for Dynamic Change of Output Voltage
of the Adjustable
A potential problem arises when using this circuit, however:
When the transistor is turned on, the voltage on the VADJFB
pin abruptly drops, until the output of the linear regulator can
charge up the output caps. If the voltage to which it drops is
less than about 80% of 1.25V, or 1.00V, the OC limit will trip
and shut down the IC. This happens in this example because
To avoide this problem, systems that intended to dynami-
cally change the output voltage of the adjustable dual output
should disable the OC protection with the circuit shown in
Figure 8.
Figure 8. Circuit to Disable OC Protection
100
47
330
100
200
C (
µF)
ESR (m
Ω)
300
400
200
300
Vadj
1.25V
R
1
R
2
+
R
2
-------------------
=
3.3V
VADJFB
VADJ
2.5V
R
2
R
3
||
()
R
2
R
3
||
() R1
+
[]
-----------------------------------------
0.94V
=
SS
CSS
2N3906
500K
1N4148
1
µF
+
+5V_SB


Podobny numer części - FAN5067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
263Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066M FAIRCHILD-FAN5066M Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
More results

Podobny opis - FAN5067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Intersil Corporation
CDP1020 INTERSIL-CDP1020 Datasheet
154Kb / 23P
   SMBus/I2C ACPI Dual Device Bay Controller
April 1999
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com