Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5067 Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN5067
Szczegółowy opis  ACPI Dual Switch Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5067 Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5067 Datasheet HTML 6Page - Fairchild Semiconductor FAN5067 Datasheet HTML 7Page - Fairchild Semiconductor FAN5067 Datasheet HTML 8Page - Fairchild Semiconductor FAN5067 Datasheet HTML 9Page - Fairchild Semiconductor FAN5067 Datasheet HTML 10Page - Fairchild Semiconductor FAN5067 Datasheet HTML 11Page - Fairchild Semiconductor FAN5067 Datasheet HTML 12Page - Fairchild Semiconductor FAN5067 Datasheet HTML 13Page - Fairchild Semiconductor FAN5067 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRODUCT SPECIFICATION
FAN5067
REV. 1.0.1 5/2/02
11
FAN5067 ACPI Control Lines
As already discussed, the FAN5067 outputs are controlled
by the three ACPI control lines, SLP_S3, SLP_S5 and
PWROK, as summarized in Tables 1 and 2. System design-
ers must in particular be careful to ensure that their system is
designed with SLP_S5, not SLP_S5; if SLP_S5 is used, it
must be inverted before being used with the FAN5067.
The control lines have internal pull-ups of approximately
40µA, and so can be controlled by open collector drivers if
desired. In a noisy system, it may be desirable to filter these
lines, which can be done with a 1K
Ω resistor and a small
capacitor.
FAN5067 Dynamic Operation
The FAN5067 is designed to minimize the output capaci-
tance required to hold up the various output lines during
transitions between different states. Thus in particular, the
adjustable dual output has guaranteed minimum overlap
time, the time (as shown in Figure 2) during a state transition
during which both main and standby are connected to the
output. This overlap time guarantees that a power source is
always connected to the output, so that there will be no dip in
the output voltage during state transitions. There is also a
maximum overlap time, to ensure that the standby power
doesn’t have to source main power very long, thus minimiz-
ing thermal stress on the standby device.
The dual output is different because it is powered by both a
linear regulator and a switch. If the linear regulator were to
turn on while the switch is on (or vice versa) the linear regu-
lator would supply power to the main line through the
switch. For this reason, the linear regulator must be off
before the switch is on, and vice versa. Thus, this output has
guaranteed minimum deadtime when both linear regulator
and switch are off. During this time, the output capacitor
must hold up the load, and so there is also a specified maxi-
mum deadtime, allowing a maximum necessary capacitance
to be selected, see below.
Stability
As with all linear regulators, the FAN5067’s linear regulators
require a minimum load. With the exception of the 3.3V dual
output, however, all of these minimum loads are internal to
the FAN5067. The dual output requires a minimum load of
50mA; if a situation may occur in which the load is less than
50mA, additional steps may be necessary to ensure stability.
Furthermore, depending on location, it may be necessary to
bypass the drain (or collector) of the linear regulator with a
low ESR capacitor for stability. As a rule of thumb, if the
pass element is more than 1” from its power source, it should
have a bypass.
Softstart
Pin 10 of the FAN5067 functions as a softstart. When power
is first applied to the chip, a constant current is applied from
the pin into an external capacitor, linearly ramping up the
voltage. This ramp in turn controls the internal reference of
the FAN5067. providing a softstart for the linear regulators.
The actual state of the FAN5067 on power up will be deter-
mined by the state of its control lines.
The switches in the system must be either on or off, and so
softstart has no effect on their characteristics: if the appropri-
ate control signals are asserted, they will turn on at once.
The softstart is effective only during power on. During a
transition between states, such as from S5
→ S0, the linear
regulators are not softstarted.
It is important to note that the softstart pin is not an enable;
pulling it low will not necessarily turn off all outputs.
Charge Pump
In main power operation, the FAN5067 is run from the +12V
main supply. This supply also provides voltage to the various
MOSFET gates. However, during standby, this supply is off.
To provide power to the chip and the appropriate gates, the
FAN5067 incorporates a free-running charge pump. As
shown in Figure 4, and in the block diagram on the front
page, a capacitor attached between pins 1 and 2 of the
FAN5067 acts as a charge pump with internal diodes. The
charge pump output is internally diode or’red with the 12V
input. The 12V input must have a series diode to prevent
back-feeding the charge pump to the + 12V main when in
standby. The 12V input line needs a bypass capacitor for
high-frequency noise rejection. If desired, the system may be
operated without the 12V or the diode; however, the bypass
capacitor must still be present.
Overcurrent
The FAN5067 does not directly detect current through the
devices that power its outputs. Instead, it monitors the output
voltages. In the event of a hard short, the voltage drops
below 80% of nominal, and all outputs are latched off, and
remain off until 5V standby power is recycled. The overcur-
rent latch off is delayed by 150µsec to prevent nuisance trips.
During softstart, the overcurrent voltage monitors are kept
proportional to the reference, to avoid tripping overcurrent
during startup.
In the S5 state, when the memory outputs are off, the voltage
monitors on the memory lines are disabled, to prevent trip-
ping the overcurrent. When turning these lines back on from
the S5 state, overcurrent is prevented from tripping because
the S3 state is blocked. See Table 2.
If the adjustable dual is not used, its feedback line, pin 12,
must be connected to 5V STBY, to prevent an overcurrent
trip.


Podobny numer części - FAN5067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
263Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066 FAIRCHILD-FAN5066 Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5066M FAIRCHILD-FAN5066M Datasheet
274Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
More results

Podobny opis - FAN5067

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Intersil Corporation
CDP1020 INTERSIL-CDP1020 Datasheet
154Kb / 23P
   SMBus/I2C ACPI Dual Device Bay Controller
April 1999
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com