Zakładka z wyszukiwarką danych komponentów |
|
FAN2515S30X Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
FAN2515S30X Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page www.fairchildsemi.com REV. 1.0.8 2/14/03 Features • Ultra Low Power Consumption • Enable optimized for CDMA time phases • 200 mV dropout voltage at 200 mA • 75 µA ground current at 200 mA • Enable/Shutdown Control • SOT23-5 package • Thermal limiting • 300 mA peak current Applications • Cellular Phones and accessories •PDAs • Portable cameras and video recorders • Laptop, notebook and palmtop computers Description The FAN2514/15 family of micropower low-dropout voltage regulators utilize CMOS technology to offer a new level of cost-effective performance in GSM, TDMA, and CDMA cellular handsets, Laptop and Notebook portable computers, and other portable devices. Features include extremely low power consumption and low shutdown current, low dropout voltage, exceptional loop stability able to accommodate a wide variety of external capacitors, and the compact SOT23-5 surface-mount package. In addition, the FAN2514/15 family offer the fast power-cycle time required in CDMA handset applications. The products offer significant improvements over older BiCMOS designs and are pin-compatible with many popular devices. The output is thermally protected against overload. The FAN2514 and FAN2515 devices are distinguished by the assignment of pin 4: FAN2514: pin 4 – ADJ, allowing the user to adjust the output voltage over a wide range using an external voltage divider. FAN2514-XX: pin 4 – BYP, to which a bypass capacitor may be connected for optimal noise performance. Output voltage is fixed, indicated by the suffix XX. FAN2515-XX: pin 4 – ERR, a flag which indicates that the output voltage has dropped below the specified minimum due to a fault condition. The standard fixed output voltages available are 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V, and 3.3V. Custom output voltage are also available: please contact your local Fairchild Sales Office for information. FAN2514, FAN2515 200 mA CMOS LDO Regulators with Fast Start Enable Block Diagrams FAN2514 EN ADJ GND Thermal Sense p VIN VOUT Bandgap Error Amplifier FAN2514-XX EN BYP GND GND Bandgap Thermal Sense p Error Amplifier VIN VOUT FAN2515-XX EN ERR Bandgap Thermal Sense p Error Amplifier VIN VOUT |
Podobny numer części - FAN2515S30X |
|
Podobny opis - FAN2515S30X |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |