Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5071 Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN5071
Szczegółowy opis  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor FAN5071 Datasheet HTML 10Page - Fairchild Semiconductor FAN5071 Datasheet HTML 11Page - Fairchild Semiconductor FAN5071 Datasheet HTML 12Page - Fairchild Semiconductor FAN5071 Datasheet HTML 13Page - Fairchild Semiconductor FAN5071 Datasheet HTML 14Page - Fairchild Semiconductor FAN5071 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PRODUCT SPECIFICATION
FAN5071
REV. 1.0.4 1/29/02
11
controller to reduce the converter’s duty cycle to approxi-
mately 20%. This causes a drastic reduction in the output
voltage as the load regulation collapses into the short circuit
control mode. With a 4m
Ω output short, the voltage is
reduced to 29A * 4m
Ω = 116mV. The output voltage does
not return to its nominal value until the output current is
reduced to a value within the safe operating range for the
DC-DC converter.
Schottky Diode Selection
The application circuits of Figure 1 shows a Schottky diode,
D1, which is used as a free-wheeling diode to assure that the
body-diode in Q2 does not conduct when the upper MOS-
FET is turning off and the lower MOSFET is turning on. It is
undesirable for this diode to conduct because its high for-
ward voltage drop and long reverse recovery time degrades
efficiency, and so the Schottky provides a shunt path for the
current. Since this time duration is very short, the selection
criterion for the diode is that the forward voltage of the
Schottky at the output current should be less than the for-
ward voltage of the MOSFET’s body diode.
Output Filter Capacitors
The output bulk capacitors of a converter help determine its
output ripple voltage and its transient response. It has
already been seen in the section on selecting an inductor that
the ESR helps set the minimum inductance, and the capaci-
tance value helps set the maximum inductance. For most
converters, however, the number of capacitors required is
determined by the transient response and the output ripple
voltage, and these are determined by the ESR and not the
capacitance value. That is, in order to achieve the necessary
ESR to meet the transient and ripple requirements, the
capacitance value required is already very large.
The most commonly used choice for output bulk capacitors
is aluminum electrolytics, because of their low cost and low
ESR. The only type of aluminum capacitor used should be
those that have an ESR rated at 100kHz. Consult Application
Bulletin AB-14 for detailed information on output capacitor
selection.
The output capacitance should also include a number of
small value ceramic capacitors placed as close as possible to
the processor; 0.1µF and 0.01µF are recommended values.
Input Filter
The DC-DC converter design may include an input inductor
between the system +5V supply and the converter input as
shown in Figure 5. This inductor serves to isolate the +5V
supply from the noise in the switching portion of the DC-DC
converter, and to limit the inrush current into the input capac-
itors during power up. A value of 2.5µH is recommended.
It is necessary to have some low ESR aluminum electrolytic
capacitors at the input to the converter. These capacitors
deliver current when the high side MOSFET switches on.
Figure 4 shows 3 x 1000µF, but the exact number required
will vary with the speed and type of the processor. Capacitor
ripple current rating is a function of temperature, and so the
manufacturer should be contacted to find out the ripple cur-
rent rating at the expected operational temperature. For
details on the design of an input filter, refer to Applications
Bulletin AB-15.
Figure 4. Input Filter
Programmable Active Droop
The FAN5071 includes Programmable Active Droop: as
the output current increases, the output voltage drops, and
the amount of this drop is user adjustable. This is done in
order to allow maximum headroom for transient response of
the converter. The current is typically sensed by measuring
the voltage across the RDS,on of the high-side MOSFET
during its on time, as shown in Figures 1 and 2.
To program the amount of droop, use the formula
where Imax is the current at which the droop occurs, and
Rsense is the resistance of the current sensor, either the source
resistor or the high-side MOSFET’s on-resistance. For exam-
ple, to get 120mV of droop with a maximum output current
of 30A and a 10m
Ω sense resistor, use R
D = 14.4KΩ * 30A *
10m
Ω/(120mV *3) = 12KΩ. The value of the product
Imax*Rsense must be < 600mV for proper functioning of
the droop circuit. If this product is exceeded, a lower resis-
tance MOSFET must be used. Further details on use of the
Programmable Active Droopmay be found in Applications
Bulletin AB-24.
Remote Sense
The FAN5071 offers remote sense of the output voltage to
minimize the output capacitor requirements of the converter.
It is highly recommended that the remote sense pin, Pin 20,
be tied directly to the processor power pins, so that the
effects of power plane impedance are eliminated. Further
details on use of the remote sense feature of the FAN5071
may be found in Applications Bulletin AB-24.
2.5
µH
5V
0.1
µF
1000
µF, 10V
Electrolytic
Vin
RD
14.4K
Ω *I
max *Rsense
VDroop *3


Podobny numer części - FAN5071

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Podobny opis - FAN5071

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com