Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5094 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN5094
Szczegółowy opis  Multi-Phase Interleaved Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5094 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN5094 Datasheet HTML 1Page - Fairchild Semiconductor FAN5094 Datasheet HTML 2Page - Fairchild Semiconductor FAN5094 Datasheet HTML 3Page - Fairchild Semiconductor FAN5094 Datasheet HTML 4Page - Fairchild Semiconductor FAN5094 Datasheet HTML 5Page - Fairchild Semiconductor FAN5094 Datasheet HTML 6Page - Fairchild Semiconductor FAN5094 Datasheet HTML 7Page - Fairchild Semiconductor FAN5094 Datasheet HTML 8Page - Fairchild Semiconductor FAN5094 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PRODUCT SPECIFICATION
FAN5094
REV. 1.0.2 5/13/02
3
Absolute Maximum Ratings
19
GNDA
Ground A. Ground-side current sense pin. Connect directly to low-side
MOSFET source, or to sense resistor ground.
20
LDRVA
Low Side FET Driver for A. Connect this pin to the gate of an N-channel
MOSFET for synchronous operation. The trace from this pin to the MOSFET
gate should be <0.5”.
21
VCC
VCC. Internal IC supply. Connect to system 12V supply, and decouple with a
0.1
µF ceramic capacitor.
22
PWRGD
Power Good Flag. An open collector output that will be logic LOW if the
output voltage is not within +/-5% of the nominal output voltage setpoint.
23
PHASE
Phase Control. Connecting this pin to bypass causes a synchronized clock
signal to appear on CLK. Connecting this pin to ground allows the CLK pin to
accept a clock signal for synchronization.
24
ISHR
Current Share. Connecting this pin to the ISHR pin of another FAN5094
enables current sharing.
25
DROOP/E*
Droop Control/E*-mode Control. A resistor from this pin to ground sets the
amount of droop by controlling the gain of the current sense amplifier.
Connecting this pin to bypass turns off Phase A.
26
ENABLE/SS
Output Enable. A logic LOW on this pin will disable the output. An internal
current source allows for open collector control. This pin also doubles as soft
start.
27
RT
Frequency Set. A resistor from this pin to ground sets the switching
frequency. See Apps section.
28
VFB
Voltage Feedback. Connect to the desired regulation point at the output of
the converter.
Parameter
Min.
Typ.
Max.
Units
Supply Voltage VCC
15
V
Supply Voltages BOOTA, BOOTB
22
V
Voltage Identification Code Inputs, VID0-VID4
6
V
VFB, ENABLE/SS, PWRGD, PHASE, CLK
6
V
SW, ISNS
-3
15
V
PGNDA, PGNDB to AGND
-0.5
0.5
V
Gate Drive Current, peak pulse
3
A
Junction Temperature, TJ
-55
150
°C
Storage Temperature
-65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Thermal Resistance Junction-to-case,
ΘJA
16
°C/W
Pin Definitions (continued)
Pin Number
Pin Name
Pin Function Description


Podobny numer części - FAN5094

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5091MTC FAIRCHILD-FAN5091MTC Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
More results

Podobny opis - FAN5094

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Fairchild Semiconductor
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com