Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5250 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN5250
Szczegółowy opis  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN5250 Datasheet HTML 1Page - Fairchild Semiconductor FAN5250 Datasheet HTML 2Page - Fairchild Semiconductor FAN5250 Datasheet HTML 3Page - Fairchild Semiconductor FAN5250 Datasheet HTML 4Page - Fairchild Semiconductor FAN5250 Datasheet HTML 5Page - Fairchild Semiconductor FAN5250 Datasheet HTML 6Page - Fairchild Semiconductor FAN5250 Datasheet HTML 7Page - Fairchild Semiconductor FAN5250 Datasheet HTML 8Page - Fairchild Semiconductor FAN5250 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FAN5250
REV. 1.1.6 3/12/03
3
Pin Description
Pin
Number Pin Name
Pin Function Description
1
AGND
Analog Ground. This is the signal ground reference for the IC. All voltage levels are
measured with respect to this pin.
2
VCC
VCC. This pin powers the chip. The IC starts to operate when voltage on this pin exceeds
4.6V (UVLO rising) and shuts down when it drops below 4.3V (UVLO falling).
3
PGOOD
Power Good Flag. An open-drain output that will pull LOW when the core output is
outside of a +25% –10% range of the VID reference voltage The PGOOD pin is kept high
during transitions between VID settings, Deep Sleep, and Reserved Mode transitions.
4EN
ENABLE. This pin enables IC operation when either left open, or pulled up to VCC.
Toggling EN will also reset the chip after a latched fault condition.
5
FPWM
Forced PWM mode. When logic low, inhibits the chip from entering hysteretic operating
mode.
6ALTV
Alternative to VID. The IC will regulate to the voltage on this pin if it is below the highest
VID voltage (1.75V). Such a requirement may occur during CPU initialization or during
some power saving modes. This pin has a 10
µA current source, so that its voltage can be
programmed with a resistor to GND. See Alternative Voltage Programming on page 8 for
details.
7
FREQ
Frequency Set. Logic Low sets the operating frequency to 300Khz. High sets the
frequency to 600Khz.
8–12
VID0–4
Voltage Identification Code. Input to VID DAC. Sets the output voltage according to the
codes set as defined in Table 1.
13
VIN
Input Voltage from battery. This voltage is used by the oscillator for feed-forward
compensation of input voltage variation.
14
SS
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter
during initialization as well as in operation. This pin is used as the reference against which
the output is compared. During initialization, this pin is charged with a 25
µA current
source. Once this pin reaches 0.5V, its function changes, and it assumes the value of the
voltage as set by the VID programming. The current driving this pin is then limited to
+500
µA, that together with CSS sets a controlled slew rate for VID code changes.
15
ILIM
Current Limit. A resistor from this pin to GND sets the current limit.
16
VCORE+
VCORE Output Sense. This pin is the feedback from the VCORE output. Used for
regulation as well as PGOOD, under-voltage and over-voltage protection and monitoring.
17
NC
No internal connection. While no connection is necessary, tying this pin to GND is
recommended to reduce coupled noise into pin 16 from pin 18.
18
BOOT
BOOT. The positive supply for the upper MOSFET driver. Connect as shown in Figure 1.
19
HDRV
High-Side Drive. The high-side (upper) MOSFET driver output.
20
SW
Switching node. The return for the high-side MOSFET driver.
21
ISNS
Current Sense Input. Monitors the voltage drop across the lower MOSFET or external
sense resistor for current feedback.
22
PGND
Power Ground. The return for the low-side MOSFET driver.
23
LDRV
Low-Side Drive. The low-side (lower) MOSFET driver output.
24
PVCC
Power VCC. The positive supply for the lower MOSFET driver.


Podobny numer części - FAN5250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Podobny opis - FAN5250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com