Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3082N Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części KA3082N
Szczegółowy opis  Bi-directional DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3082N Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3082N Datasheet HTML 3Page - Fairchild Semiconductor KA3082N Datasheet HTML 4Page - Fairchild Semiconductor KA3082N Datasheet HTML 5Page - Fairchild Semiconductor KA3082N Datasheet HTML 6Page - Fairchild Semiconductor KA3082N Datasheet HTML 7Page - Fairchild Semiconductor KA3082N Datasheet HTML 8Page - Fairchild Semiconductor KA3082N Datasheet HTML 9Page - Fairchild Semiconductor KA3082N Datasheet HTML 10Page - Fairchild Semiconductor KA3082N Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAN8082 (KA3082N)
7
3. LOGIC SWITCH CIRCUIT
This circuit define reference voltage of output.
When pin #4 is “H” and pin #5 is “L”,
- V1 = Vzd + VbeQ4 + VbeQ5
·=· 8.9V
- V2 = Vbeq 7 + VsatQ6
·=· 0.87V
V1 and V2 are related with the output voltage of the motor and change according to the voltage of pin #3 (VCTL).
4
5
3
SVCC
V1
V2
Q4
Q5
Q6
Q7
VCTL
7.4V


Podobny numer części - KA3082N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
More results

Podobny opis - KA3082N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com