Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - First Components International

Numer części 1N4001
Szczegółowy opis  1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4001 Arkusz danych(HTML) 1 Page - First Components International

  1N4001_1 Datasheet HTML 1Page - First Components International 1N4001_1 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
1N4001 . . . 4007 Series
Data Sheet
1.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 1.0 ...............................................
............................................. 50 ...............................................
............................................. 30 ...............................................
........................................ -50 to 175 .........................................
............................................. 1.1 ...............................................
............................................. 5.0 ...............................................
............................................. 50 ...............................................
............................................. 30 ...............................................
............................................. 50 ...............................................
Amps
Amps
µAmps
°C
Volts
µAmps
µAmps
pF
°C / W
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n LOW LEAKAGE
Page 9-2
Average Forward Rectified Current...I
F(av)
T
A = 75°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Working Peak Reverse Current...I
R(AV)
@ Full Cycle .375" Lead Length, T
L = 75°C
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 1.0A...V
F
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage
100°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41
Electrical Characteristics


Podobny numer części - 1N4001_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
1N4001-1N4007 SURGE-1N4001-1N4007 Datasheet
1Mb / 2P
   Low reverse leakage
logo
Diodes Incorporated
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Podobny opis - 1N4001_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1 Datasheet
152Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
   1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
DIYI Electronic Technol...
1N4001 DYELEC-1N4001 Datasheet
765Kb / 2P
   1.0 AMP. Plastic Silicon Rectifiers
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com