Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC5614 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDC5614
Szczegółowy opis  60V P-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5614 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDC5614 Datasheet HTML 1Page - Fairchild Semiconductor FDC5614 Datasheet HTML 2Page - Fairchild Semiconductor FDC5614 Datasheet HTML 3Page - Fairchild Semiconductor FDC5614 Datasheet HTML 4Page - Fairchild Semiconductor FDC5614 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDC5614P Rev C1 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–60
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to
25
°C
–49
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –48 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–1
–1.6
–3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –3 A
VGS = –4.5 V,
ID = –2.7 A
VGS = –10 V, ID = –3 A TJ=125
°C
82
105
130
105
135
190
m
ID(on)
On–State Drain Current
VGS = –10 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –3 A
8
S
Dynamic Characteristics
Ciss
Input Capacitance
759
pF
Coss
Output Capacitance
90
pF
Crss
Reverse Transfer Capacitance
VDS = –30 V,
V GS = 0 V,
f = 1.0 MHz
39
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
7
14
ns
tr
Turn–On Rise Time
10
20
ns
td(off)
Turn–Off Delay Time
19
34
ns
tf
Turn–Off Fall Time
VDD = –30 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6
12
22
ns
Qg
Total Gate Charge
15
24
nC
Qgs
Gate–Source Charge
2.5
nC
Qgd
Gate–Drain Charge
VDS = –30V,
ID = –3.0 A,
VGS = –10 V
3.0
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.3 A (Note 2)
–0.8
–1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain
pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a. 78°C/W when mounted on a 1in
2 pad of 2oz copper on FR-4 board.
b. 156°C/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%


Podobny numer części - FDC5614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
FDC5614P TECHPUBLIC-FDC5614P Datasheet
3Mb / 5P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
FDC5614P VBSEMI-FDC5614P Datasheet
696Kb / 9P
   P-Channel 60-V (D-S) MOSFET
FDC5614P-NL VBSEMI-FDC5614P-NL Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Podobny opis - FDC5614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com