Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8556ARZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8556ARZ
Szczegółowy opis  Digitally Programmable Sensor Signal Amplifier with EMI Filters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8556ARZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD8556ARZ Datasheet HTML 1Page - Analog Devices AD8556ARZ Datasheet HTML 2Page - Analog Devices AD8556ARZ Datasheet HTML 3Page - Analog Devices AD8556ARZ Datasheet HTML 4Page - Analog Devices AD8556ARZ Datasheet HTML 5Page - Analog Devices AD8556ARZ Datasheet HTML 6Page - Analog Devices AD8556ARZ Datasheet HTML 7Page - Analog Devices AD8556ARZ Datasheet HTML 8Page - Analog Devices AD8556ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8556
Rev. A | Page 5 of 28
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
First gain stage, TA = 25°C
2
MHz
Second gain stage, TA = 25°C
8
MHz
Output buffer stage, TA = 25°C
1.5
MHz
Output Buffer Slew Rate
SR
AV = 70, RL = 10 kΩ, CL = 100 pF, TA = 25°C
1.2
V/μs
Settling Time
ts
To 0.1%, AV = 70, 4 V output step, TA = 25°C
8
μs
NOISE PERFORMANCE
Input Referred Noise
TA = 25°C, f = 1 kHz
32
nV/√Hz
Low Frequency Noise
en p-p
f = 0.1 Hz to 10 Hz, TA = 25°C
0.5
μV p-p
Total Harmonic Distortion
THD
VIN = 16.75 mV rms, f = 1 kHz,
AV = 100, TA = 25°C
−100
dB
DIGITAL INTERFACE
Input Current
2
μA
DIGIN Pulse Width to Load 0
tw0
TA = 25°C
0.05
10
μs
DIGIN Pulse Width to Load 1
tw1
TA = 25°C
50
μs
Time Between Pulses at DIGIN
tws
TA = 25°C
10
μs
DIGIN Low
TA = 25°C
1
V
DIGIN High
TA = 25°C
4
V
DIGOUT Logic 0
TA = 25°C
1
V
DIGOUT Logic 1
TA = 25°C
4
V


Podobny numer części - AD8556ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ-REEL AD-AD8556ARZ-REEL Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ-REEL7 AD-AD8556ARZ-REEL7 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
More results

Podobny opis - AD8556ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com