Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6318 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDC6318
Szczegółowy opis  Dual P-Channel 1.8V PowerTrench Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6318 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDC6318 Datasheet HTML 1Page - Fairchild Semiconductor FDC6318 Datasheet HTML 2Page - Fairchild Semiconductor FDC6318 Datasheet HTML 3Page - Fairchild Semiconductor FDC6318 Datasheet HTML 4Page - Fairchild Semiconductor FDC6318 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC6318P Rev D (W)
Typical Characteristics
0
2
4
6
8
10
01
23
4
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS=-4.5V
-3.0V
-1.8V
-1.5V
-2.0V
-2.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
024
68
10
-ID, DRAIN CURRENT (A)
VGS = -1.8V
-2.0V
-2.5V
-3.5V
-4.5V
-3.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
-50
-25
0
255075
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2.5A
VGS = -4.5V
0.02
0.08
0.14
0.2
0.26
1234
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
0.511.522.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125
oC
VDS = -5V
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDC6318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
FDC6318P TECHPUBLIC-FDC6318P Datasheet
2Mb / 4P
   Dual P-Channel 20V (D-S) MOSFET
More results

Podobny opis - FDC6318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6312P FAIRCHILD-FDC6312P Datasheet
88Kb / 5P
   Dual P-Channel 1.8V PowerTrench Specified MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com